Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5801 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5801
Description  Piezo-Electric Actuator Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5801 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5801 Datasheet HTML 5Page - Analog Devices AD5801 Datasheet HTML 6Page - Analog Devices AD5801 Datasheet HTML 7Page - Analog Devices AD5801 Datasheet HTML 8Page - Analog Devices AD5801 Datasheet HTML 9Page - Analog Devices AD5801 Datasheet HTML 10Page - Analog Devices AD5801 Datasheet HTML 11Page - Analog Devices AD5801 Datasheet HTML 12Page - Analog Devices AD5801 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AD5801
Preliminary Technical Data
Rev. 0 | Page 10 of 13
filtering when combined with the piezo element. The AD5801
Slope Mode effectively allows the user to control the rise and
fall times of the drive waveform by using predetermined PWM
patterns and driving these patterns into an LC load.
The AD5801 have several default patterns, which after filtering
by the addition of a suitable inductor in series with the
capacitance of the piezo load, produces a rhombic or triangular
waveform at the piezo element. The principle on which this
mode works is that the pattern density increases linearly and
then decreases linearly from:
X
X
X
1
Where: X is 8, 9, 10 or 11
The default patterns are register selected and allow the user to
effectively control the rise and fall times of the waveforms
across the piezo motor. The AD5801 PWM Slope Mode pattern
causes the waveform across the piezo element to ramp from
GND to an output high level defined by the supply voltage
connected to the PWR_DRIVESTAGE pin. The period set in
the PWMPERIOD register defines the high and low time within
one period. For example:
if selected X value = 10
and PWMPERIOD = 254
Then the number of counter periods, as defined in the
PWNUNIT register that are on the top and bottom of the
resultant waveform are calculated with the following Formula:
Number of Periods =
[
]
2
2
2
×
− X
PWMPERIOD
In the case where X = 10
Number of Periods =
[
]
26
2
2
10
254
2
=
×
So there are 26 counter periods on top and bottom of the
resultant rhombic waveform. Figure 5 illustrates the AD5800
driving a default PWM Slope Mode pattern through a series
inductor and into the piezo load, and the resultant waveforms.
G
G
AD5800 Slope Mode Pattern
Resultant Waveform across Piezo Element due to Filtering
Figure 5. AD5801 Slope Mode Pattern and resulting filtered
waveform across the piezo motor.
The primary advantage of using the AD5801 in Slope Mode is
that the rise and fall times of the driving waveform are
controlled, and therefore the power surges associated when
driving the piezo element with a square wave at its resonant
frequency are eliminated.
Clock Generation
The AD5801 offers the user the choice of two master clock
sources, an internal clock generated from an integrated VCO, or
an external clock applied through the EXCLK pin. The external
reference clock is provided by the baseband processor in the
host system, and can be either a DC coupled square wave or an
AC coupled sine wave. In either case the clock may have been
RC filtered. The clock may be either a free running system clock
or dedicated camera module clock, which may be enabled and
disabled by the host. The AD5801 has a highly accurate PLL
based clock generator which accepts an accurate and stable
multiple of the external clock (4.8MHz or 9.6MHz), and
multiplies its frequency to the master clock of 19.44MHz
required by the AD5801.
The AD5801 also has the option of using an integrated clock
generator. The MCLKCONTROL Register allows the user to
select either the external or integrated clock source, select. If an
external clock is used then the MCLKCONTROL Register
allows the user to set the AD5801 EXTCLK pin to accept an
AC-coupled or DC-coupled clock, and also allows the user to
select the master clock frequency supplied, or to bypass the PLL
if the master clock is 19.44MHz. The internal clock is generated
using a 2% accurate VCO.
ADC and Lens Position Sensing
The AD5801 has an integrated on board 12 bit ADC. The ADC
contains an on-chip track and hold amplifier, a successive
approximation A/D converter. Clocking for the A/D is provided
using a divided down ratio of the integrated or host master
reference clock.


Similar Part No. - AD5801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5801 AD-AD5801 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD58012 AD-AD58012 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD58012 AD-AD58012 Datasheet
395Kb / 6P
   Tape and Reel Packaging
More results

Similar Description - AD5801

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M2SC FUJITSU-FAR-M2SC Datasheet
38Kb / 6P
   Piezo Electric VCO
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
   piezo electric diaphragm
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
   piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
   piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
   piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
   piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
   piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
   piezo electric diaphragm
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
   Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
   Electric actuator
5/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com