Electronic Components Datasheet Search |
|
DL-5320S-1625-HFAS Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
DL-5320S-1625-HFAS Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 2 page Optoway DL-5300S-1625 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 5/1/2003 V2.0 1625 nm DFB LASER DIODE MODULE DL-5300S-1625 Series UNCOOLED MQW DFB LD WITH PIGTAIL ******************************************************************************************************************************************************* FEATURES ² 1625 nm Uncooled Laser Diode with MQW Structure ² High Reliability, Long Operation Life ² Single Frequency Operation with High SMSR ² Speed up to 2.5 Gbps ² 0 to 70oC operation without active cooling ² Build-in InGaAs monitor APPLICATION Trunk Line, OTDR DESCRIPTION DL-5300S-1625 series are designed for coupling a single mode optical fiber with 1625 nm MQW DFB uncooled laser diode. These modules are ideally suitable for long reach and intermediate reach OC-3, OC-12, and OC-48 transmission application. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 °C) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW 10 15 mA VOP Operating Voltage CW, IF= Ith+25mA 1.2 1.5 V Pf Optical Output Power Part No: DL-532XS-1625 DL-533XS-1625 CW, IF= Ith+25mA 1.0 2.0 mW λc Center Wavelength CW, Po= P f 1620 1625 1630 nm SMSR Side Mode Suppression Ratio CW, Ith+25mA 30 35 dB t r, t f Rise And Fall Times IF=Ith, Ith+25mA , 20~ 80% 150 ps ΔP f / P f Tracking Error APC, 0~+70 ºC - - ±1.5 dB Im PD Monitor Current CW, Ith+25mA ,VRD=1V 100 1500 μA ID PD Dark Current VRD=5V 0.1 μA Ct PD Capacitance VRD=5V, f=1MHz 10 15 pF ABSOLUTE MAXIMUM RATINGS (TC=25 ºC) Symbol Parameter Ratings Unit Po Optical Output Power (532XS/533XS) 1.5/3 mW VRL LD Reverse Voltage 2 V VRD PD Reverse Voltage 10 V IFD PD Forward Current 1.0 mA Topr Operating Temperature 0 to 70 ºC Tstg Storage Temperature -40~+85 ºC |
Similar Part No. - DL-5320S-1625-HFAS |
|
Similar Description - DL-5320S-1625-HFAS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |