Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N2426 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 1N2426
Description  High Current Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

1N2426 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  1N2426 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1N2426-1N2435 Series
High Current Rectifier
V
RRM = 50-600V, IF(AV) = 100 A ,VF = 1.2V
Symbol
K
A
Cathode to Stud Symbol
Maximum Storage Temperature Range
Maximum Average On-State Current
IF(AV)
Peak Forward Surge Current
IFSM
Volt
MAXIMUM RATINGS
Parameter
Unit
Amp
Symbol
Amp
(Tj = 25 C unless stated otherwise)
Repetitive Peak Reverse Voltage
VRRM
1N2426 1N2427 1N2428 1N2429 1N2430 1N2431 1N2432 1N2433 1N2434 1N2435
Maximum Junction Temperature Range
Tj
T(STG)
50
100
150
200
250
300
350
400
500
600
100
1600
O
C
O
C
Maximum I 2T for Fusing
I 2 T
A2/S
10700
-65 to +200
-65 to +200
µA
Thermal Resistance (Junction to Case)
ELECTRICAL CHARACTERISICS at
Tj = 25 C Maximum. Unless stated Otherwise
Parameter
Unit
Symbol
Value
Typ
Min
Max
Maximum Forward Voltage
Repetitive Peak Off- State Current (1)
20.0
mA
Volt
0.40
5
VFM
IDRM(1)
NM
Mounting Torque
Weight
MT
11.3
grms
Wt
Condition
IFM = 200 Amps
RTH (J-c)
O
C/W
1.2
Repetitive Peak Off- State Current (2)
IDRM(2)
VR = VRRM
VR = VRRM ,Tj = 150OC
78
Operating Frequency
KHz
f(MAX)
7.5
(Anode to Stud add Suffix R)
Cathode to Stud Shown
117.47(4.625)
111.13(4.375)
16.25(0.640)
15.50(0.610)
39.37 (1.550)
Max
3/8"-24UNF-2A
10.41(0.410)
8.90(0.350)
8.30(0.327)
7.55(0.297)
21.47(0.843)
21.20(0.835)
15.24(0.60)
12.70(0.50)
7.39(0.291)
6.89(0.271)
D0-8
18.80 (0.740)
16.76 (0.660)


Similar Part No. - 1N2426

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2426 MICROSEMI-1N2426 Datasheet
141Kb / 2P
   SILICON POWER RECTIFIER
More results

Similar Description - 1N2426

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N411B TEL-1N411B Datasheet
159Kb / 1P
   High Current Rectifier
1N3139 TEL-1N3139 Datasheet
160Kb / 1P
   High Current Rectifier
logo
Solid States Devices, I...
RP0007 SSDI-RP0007 Datasheet
130Kb / 2P
   HIGH CURRENT RECTIFIER
logo
TRANSYS Electronics Lim...
1N1396 TEL-1N1396 Datasheet
159Kb / 1P
   High Current Rectifier
logo
New Jersey Semi-Conduct...
1N3288 NJSEMI-1N3288 Datasheet
81Kb / 1P
   High Current Rectifier
logo
TRANSYS Electronics Lim...
1N3288 TEL-1N3288 Datasheet
160Kb / 1P
   High Current Rectifier
1N3972 TEL-1N3972 Datasheet
160Kb / 1P
   High Current Rectifier
logo
Solid States Devices, I...
RA0028 SSDI-RA0028_15 Datasheet
121Kb / 2P
   HIGH CURRENT - HIGH VOLTAGE RECTIFIER
logo
HY ELECTRONIC CORP.
AR35A HY-AR35A Datasheet
70Kb / 2P
   HIGH CURRENT AUTOMOBILE RECTIFIER
AR2505 HY-AR2505 Datasheet
70Kb / 2P
   HIGH CURRENT AUTOMOBILE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com