Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPM0J471MDD Datasheet(PDF) 4 Page - Nichicon corporation

Part # UPM0J471MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM0J471MDD Datasheet(HTML) 4 Page - Nichicon corporation

  UPM0J471MDD Datasheet HTML 1Page - Nichicon corporation UPM0J471MDD Datasheet HTML 2Page - Nichicon corporation UPM0J471MDD Datasheet HTML 3Page - Nichicon corporation UPM0J471MDD Datasheet HTML 4Page - Nichicon corporation UPM0J471MDD Datasheet HTML 5Page - Nichicon corporation UPM0J471MDD Datasheet HTML 6Page - Nichicon corporation UPM0J471MDD Datasheet HTML 7Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
PM
series
Standard ratings
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
0.80
0.65
0.50
0.42
0.35
0.29
0.23
0.20
0.16
0.14
0.12
0.10
0.090
0.075
0.065
0.055
0.047
0.041
0.036
0.032
0.028
0.025
0.023
0.022
0.020
0.019
0.018
0.017
1.60
1.30
1.00
0.84
0.70
0.58
0.46
0.40
0.32
0.28
0.24
0.20
0.18
0.15
0.13
0.11
0.094
0.082
0.072
0.064
0.056
0.050
0.046
0.044
0.040
0.038
0.036
0.034
155
175
220
240
265
290
375
405
460
550
595
730
770
950
1060
1260
1410
1430
1700
1880
2010
2230
2460
2510
2770
3110
3050
3300
92
105
135
155
175
195
260
285
335
410
455
570
615
770
845
1030
1210
1250
1490
1690
1800
1990
2160
2220
2410
2530
2610
2730
.010
× 12.5
.010
× 12.5
.010
× 15.0
.010
× 15.0
12.5
× 15.0
12.5
× 15.0
12.5
× 15.0
16
× 15.0
16
× 15.0
18
× 15.0
16
× 20.0
16
× 20.0
16
× 25.0
18
× 20.0
18
× 25.0
18
× 31.5
18
× 35.5
0.14
0.12
0.10
0.090
0.080
0.070
0.060
0.055
0.046
0.041
0.037
0.033
0.030
0.027
0.025
0.023
0.022
0.28
0.24
0.20
0.18
0.16
0.14
0.12
0.11
0.092
0.082
0.074
0.066
0.060
0.054
0.050
0.046
0.044
635
670
730
825
920
985
1060
1270
1390
1560
1700
1800
2190
2090
2350
2720
2620
430
480
570
615
745
815
895
1090
1220
1400
1530
1620
1800
1880
2060
2240
2350
16 (1C)
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz
–10°C / 100kHz
105°C /
105°C / 120Hz
Rated ripple (mArms)
6
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz
–10°C / 100kHz
105°C /
105°C / 120Hz
Rated ripple (mArms)
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 40
0.80
0.65
0.55
0.44
0.36
0.30
0.24
0.20
0.16
0.14
0.11
0.095
0.085
0.070
0.065
0.055
0.046
0.041
0.036
0.032
0.029
0.026
0.024
0.022
0.020
0.019
0.018
1.60
1.30
1.10
0.88
0.72
0.60
0.48
0.40
0.32
0.28
0.22
0.19
0.17
0.14
0.13
0.11
0.092
0.082
0.072
0.064
0.058
0.052
0.048
0.044
0.040
0.038
0.036
155
175
210
235
260
285
370
405
460
550
625
750
795
985
1060
1260
1420
1440
1700
1760
1980
2230
2460
2510
2770
3110
3300
88
100
125
140
160
180
245
275
320
390
455
560
610
770
810
990
1180
1210
1430
1550
1780
1960
2120
2220
2410
2530
2660
10
× 12.5
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 35.5
0.15
0.13
0.11
0.095
0.080
0.070
0.060
0.055
0.049
0.043
0.039
0.034
0.031
0.028
0.025
0.023
0.021
0.30
0.26
0.22
0.19
0.16
0.14
0.12
0.11
0.098
0.086
0.078
0.068
0.062
0.056
0.050
0.046
0.042
635
670
700
825
920
985
1060
1270
1340
1520
1600
1770
2190
2050
2350
2720
3050
395
435
525
575
720
785
860
1050
1130
1310
1400
1590
1780
1840
2060
2240
2420
25 (1E)
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz
–10°C / 100kHz
105°C /
105°C / 120Hz
Rated ripple (mArms)
6
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz
–10°C / 100kHz
105°C /
105°C / 120Hz
Rated ripple (mArms)
10kHz~
200kHz
10kHz~
200kHz
10kHz~
200kHz
10kHz~
200kHz
Cap.(µF)
Size Code
Size Code
Item
V(Code)
V(Code)
Code
Code
Cap.(µF)
Item
In case of low profile type,
will be put at 12th digit of type numbering system.
6
CAT.8100V-1


Similar Part No. - UPM0J471MDD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPM0J471MPD NICHICON-UPM0J471MPD Datasheet
131Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM0J471MPD6 NICHICON-UPM0J471MPD6 Datasheet
131Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPM0J471MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com