Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBB-7940G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # GBB-7940G
Description  1490 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

GBB-7940G Datasheet(HTML) 1 Page - Optoway Technology Inc

  GBB-7940G Datasheet HTML 1Page - Optoway Technology Inc GBB-7940G Datasheet HTML 2Page - Optoway Technology Inc GBB-7940G Datasheet HTML 3Page - Optoway Technology Inc GBB-7940G Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
GBB-7940G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
1
GBB-7940G
(RoHS Compliant)
1490 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
***********************************************************************************************************************************************************************
FEATURES
l 1-Fiber SM Gigabit Interface Converter (GBIC)
l Compliant with GBIC Specification Rev. 5.5
l Compliant with IEEE-802.3ah 1000BASE-BX
l Compliant with Fibre Channel FC-PH-2 for
100-M5-SN-1 and 100-M6-SN-1
l Hot Pluggable Module with SC Connector
l 1490 nm LD Transmitter
l 1310 nm Receiver
l Up to 40 km using Single-mode Optic Cable
l SCA-2 Host Connector
l Single +5 V Power Supply
l RoHS Compliant
l Differential PECL Inputs and Outputs
l TTL RX-LOS Output
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The GBB-7940G series single-mode optical transceivers
meet the Gigabit Interface Converter (GBIC) specification
Rev. 5.5. It satisfies the optical interface specifications
defined in IEEE 802.3ah 1000BASE BX by using 1490 nm
transmitter and 1310 nm receiver. The transmitter section
uses a multiple quantum well DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC 60825. The receiver section uses an integrated 1310 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC. A PECL input / output
logic interface is used. TTL RX-LOS output simplifies
interface to external circuitry. A 20-pin SCA-2 host
connector is used to connect the converter to the host
system.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
GBB-7940G
1.25
40
1490 DFB
1310
SC GBIC
0 to 70
2 to -3
-23
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
-5
70
oC
Power Supply Voltage
Vcc
-0.5
6
V
Input Voltage
---
-0.5
Vcc
V
Relative Humidity
RH
5
95
%
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
4.75
5
5.25
V
Power Supply Current
ITX + IRX
200
300
mA
Operating Case Temperature
Topr
0
70
oC
Data Rate
1000
1250
Mb/s


Similar Part No. - GBB-7940G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
GBB-7910G OPTOWAY-GBB-7910G Datasheet
85Kb / 4P
   1490 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7920G OPTOWAY-GBB-7920G Datasheet
85Kb / 4P
   1490 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
More results

Similar Description - GBB-7940G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
GBB-7810G OPTOWAY-GBB-7810G Datasheet
85Kb / 4P
   1310 nm TX / 1490 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7920G OPTOWAY-GBB-7920G Datasheet
85Kb / 4P
   1490 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7840G OPTOWAY-GBB-7840G Datasheet
85Kb / 4P
   1310 nm TX / 1490 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7910G OPTOWAY-GBB-7910G Datasheet
85Kb / 4P
   1490 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7520G OPTOWAY-GBB-7520G Datasheet
85Kb / 4P
   1550 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7440G OPTOWAY-GBB-7440G Datasheet
85Kb / 4P
   1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7540G OPTOWAY-GBB-7540G Datasheet
85Kb / 4P
   1550 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7410G OPTOWAY-GBB-7410G Datasheet
85Kb / 4P
   1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7510G OPTOWAY-GBB-7510G Datasheet
85Kb / 4P
   1550 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7420G OPTOWAY-GBB-7420G Datasheet
85Kb / 4P
   1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com