Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPZ2D560MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPZ2D560MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPZ2D560MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UPZ2D560MHD Datasheet HTML 1Page - Nichicon corporation UPZ2D560MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
Case size
φD×L (mm)
Dimensions
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
.010
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40.0
.016
× 31.5
.016
× 35.5
.018
× 31.5
.016
× 40.0
.018
× 35.5
.018
× 40.0
.010
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40.0
.016
× 31.5
.016
× 35.5
.018
× 31.5
.016
× 40.0
.018
× 35.5
.018
× 40.0
.010
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40.0
.016
× 31.5
.016
× 35.5
.016
× 40.0
.018
× 31.5
.018
× 35.5
.018
× 40.0
400
620
700
800
870
1010
1010
1130
1120
1270
240
370
420
480
580
670
670
770
770
880
2D
2G
W6
200
400
420
V
Code
Cap.(µF)
ALUMINUM ELECTROLYTIC CAPACITORS
.010
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40.0
.016
× 31.5
.016
× 35.5
.016
× 40.0
.018
× 31.5
.018
× 35.5
.018
× 40.0
Rated Ripple (mArms) at 105°C 120Hz
200
310
360
430
510
570
610
610
660
710
180
280
320
380
440
490
550
550
650
740
2W
450
: In this case, 6 will be put at 12th digit of type numbering system.
PZ
series
Frequency coefficient of rated ripple current
V
200
400 ~ 450
60Hz
0.80
0.80
120Hz
1.00
1.00
500Hz
1.20
1.25
1kHz
1.30
1.40
10kHz~
1.40
1.50
Rated Ripple


Similar Description - UPZ2D560MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com