Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVY0J222MED Datasheet(PDF) 2 Page - Nichicon corporation

Part # UVY0J222MED
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVY0J222MED Datasheet(HTML) 2 Page - Nichicon corporation

  UVY0J222MED Datasheet HTML 1Page - Nichicon corporation UVY0J222MED Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
68
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
680
101
221
331
471
102
222
332
472
682
103
153
223
333
473
683
0J
1A
1C
1E
1V
1H
1J
6.3
101625355063
8
× 11.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
20
× 40
22
× 50
25
× 50
390
635
840
1090
1350
1650
1820
2280
2500
2780
3070
5
× 11
6.3
× 11
6.3
× 11
10
× 12.5
10
× 16
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
16
× 35.5
18
× 40
22
× 50
25
× 50
155
210
250
460
705
1000
1260
1570
1820
2050
2420
3210
3570
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 25
16
× 35.5
18
× 40
22
× 40
25
× 50
190
225
315
500
710
1170
1500
1600
1930
2210
2710
3450
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 25
16
× 25
16
× 25
16
× 35.5
18
× 40
22
× 50
25
× 50
125
200
275
380
610
1090
1400
1570
1850
2000
2750
3250
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
16
× 35.5
18
× 40
22
× 50
25
× 50
93
110
150
250
350
460
810
1260
1500
1780
2000
2650
3100
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 31.5
18
× 35.5
20
× 40
22
× 50
25
× 50
1.3
2.9
4.3
7
13
20
25
30
46
68
90
115
150
190
300
410
540
950
1410
1770
2100
2500
2850
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
10
× 20
12.5
× 20
16
× 25
18
× 35.5
20
× 40
22
× 50
25
× 50
Case size
φ D × L (mm)
71
100
120
155
200
335
510
640
930
1650
1950
2450
2800
Rated
ripple
Cap.(µF)
00 ~ 68
100 ~ 470
1000 ~ 68000
0.1 ~ 220
330 ~ 1000
6.3 ~ 100
V
160 ~ 450
50Hz
120Hz
300Hz
1 kHz
10 kHz ~
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
0.80
1.00
1.25
1.40
1.60
0.90
1.00
1.10
1.13
1.15
Frequency
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
68
100
220
330
470
1000
2200
3300
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
680
101
221
331
471
102
222
332
2A
2C
2D
2E
2V
2G
2W
100
160
200
250
350
400
450
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
12.5
× 25
16
× 25
18
× 35.5
22
× 50
25
× 50
1.5
3.4
5.0
7.1
15
21
29
32
50
93
130
140
190
240
390
540
715
960
1750
2070
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 31.5
18
× 35.5
18
× 40
25
× 50
41
92
125
150
250
310
410
570
855
1350
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
22
× 40
1.5
3.3
5
11
16
25
30
35
57
105
140
195
250
320
500
675
925
6.3
× 11
6.3
× 11
10
× 12.5
10
× 20
10
× 20
12.5
× 20
16
× 25
16
× 25
18
× 35.5
20
× 40
22
× 50
28
35
71
105
140
190
270
310
485
710
1000
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
12.5
× 20
12.5
× 25
16
× 25
16
× 25
18
× 35.5
22
× 50
25
× 50
21
30
39
64
105
170
210
285
370
540
710
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
12.5
× 25
16
× 25
16
× 25
16
× 31.5
18
× 35.5
22
× 50
8.5
14
27
34
42
64
140
170
200
240
310
460
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
18
× 40
25
× 50
Case size
φ D × L (mm)
20
28
32
27
100
125
155
185
200
250
Rated
ripple
Rated Ripple (mArms) at 105˚C 120Hz
VY
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Frequency coefficient of rated ripple current
Cap.(µF)
Code
V
Cap.(µF)
Code
V


Similar Part No. - UVY0J222MED

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UVY0J222MPD NICHICON-UVY0J222MPD Datasheet
77Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UVY0J222MED

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com