Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWG1C101MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UWG1C101MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWG1C101MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UWG1C101MCL Datasheet HTML 1Page - Nichicon corporation UWG1C101MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
WG
series
Chip Type, Low Impedance
Chip type, operating over wide temperature range of to – 55 ~ +105°C.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
Type numbering system (Example : 10V 100µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105°C
6.3 ~ 50V
1 ~ 1500µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA) , whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage
at 105°C, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Resistance to soldering
heat
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
Rated voltage (V)
tan
δ (MAX.)
6.3
0.26
10
0.19
16
0.16
25
0.14
35
0.12
50
0.12
Z– 25°C / Z+20°C
Z– 55°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
2
4
10
2
4
16
2
3
25
2
3
35
2
3
50
2
3
WG
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Dimension table in next page.
A
B
C
E
L
H
4 ´ 5.4
1.8
4.3
4.3
1.0
5.4
0.5 ~ 0.8
5 ´ 5.4
2.1
5.3
5.3
1.3
5.4
0.5 ~ 0.8
6.3 ´ 5.4
2.4
6.6
6.6
2.2
5.4
0.5 ~ 0.8
8 ´ 6.2
3.3
8.3
8.3
2.3
6.2
0.5 ~ 0.8
8 ´ 10
2.9
8.3
8.3
3.1
10
0.8 ~ 1.1
10 ´ 10
3.2
10.3
10.3
4.5
10
0.8 ~ 1.1
fD ´ L
(mm)
Voltage
Capacitance
105¡C Marking
105¡C Marking
105¡C Marking
(f4 ~ 6.3)
(f8 ´ 6.2 )
(f8 ´ 10, f10 ´ 10 )
Plastic platform
0.3 MAX.
L
C±0.2
H
Positive
Negative
Trade mark
Lot No.
Voltage mark for 6.3V is 6V .
Voltage
Capacitance
Plastic platform
0.3 MAX.
L±0.3
C±0.2
H
Positive
Negative
Lot No.
Trade mark
Voltage
Capacitance
Plastic platform
Pressure relief vent
0.3 MAX.
L±0.5
C±0.2
H
Positive
Negative
Lot No.
+0.1
-0.2
U
1
W
2
G
3
1
4
A
5
1
6
0
7
1
8
M
9
C
10
L
G S
11
1
12 13 14
Configuration
Taping code
Capacitance tolerance (±20%)
Rated Capacitance (100µF)
Rated voltage (10V)
Series name
Type
fD
4 ~ 6.3
8 ¥ 10
code
GB
GS
fD
4 ~ 6.3
8 (6.2L)
code
CL
CL
8 (10L) ¥ 10 NL
WF
Low
Impedance
UD
Low
Impedance
CAT.8100V


Similar Part No. - UWG1C101MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWG1A101MCL1GS NICHICON-UWG1A101MCL1GS Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWG1V4R7MCL1GB NICHICON-UWG1V4R7MCL1GB Datasheet
59Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWG1C101MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com