Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL-3348-HF Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # FL-3348-HF
Description  1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-3348-HF Datasheet(HTML) 1 Page - Optoway Technology Inc

  FL-3348-HF Datasheet HTML 1Page - Optoway Technology Inc FL-3348-HF Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
FL-3340
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2003 V1.0
1310 nm LASER DIODE MODULES
UNCOOLED MQW-FP LD WITH PIGTAIL
*******************************************************************************************************************************************************
FEATURES
² 1310 nm typical emission wavelength
² P
f >= 3mW @Ith+20 mA
² High reliability, long operation life
² High temperature operation without active cooling
² Build-in InGaAs monitor
APPLICATION
Trunk Line, FitL
DESCRIPTION
FL-3300 series are designed for coupling a single mode optical fiber with 1310 nm MQW-FP uncooled
laser diode. FL-3300 series are the best kits as light sources for telecom and datacom applications.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
12
15
mA
VOP
Operating Voltage
CW, IF= Ith+20mA
1.2
1.5
V
Pf
Optical Output Power
CW, IF= Ith+20mA
3.0
mW
λc
Center Wavelength
CW, Ith+20mA
1290
1310
1330
nm
Δλ
Spectral Width
CW, Ith+20mA , RMS (σ)
1
3
nm
t r, t f
Rise And Fall Times
IF=Ith, Ith+20mA , 10~ 90%
0.3
ns
ΔP f / P f
Tracking Error
APC, -40~+85 ºC
-
-
±1.0
dB
Im
PD Monitor Current
CW, Ith+20mA,VRD=1V
100
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
VRD=5V, f=1MHz
10
15
pF
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Optical Output Power
4
mW
VRL
LD Reverse Voltage
2
V
VRD
PD Reverse Voltage
10
V
IFD
PD Forward Current
1.0
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Similar Part No. - FL-3348-HF

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3348-HF OPTOWAY-FL-3348-HF Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3348-HFA OPTOWAY-FL-3348-HFA Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3348-HFAS OPTOWAY-FL-3348-HFAS Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3348-HFS OPTOWAY-FL-3348-HFS Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
More results

Similar Description - FL-3348-HF

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3300 OPTOWAY-FL-3300_09 Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3300 OPTOWAY-FL-3300 Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-3540 OPTOWAY-FL-3540 Datasheet
114Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500_09 Datasheet
93Kb / 5P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300_09 Datasheet
81Kb / 4P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300 Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com