Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UUX1C221MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UUX1C221MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUX1C221MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UUX1C221MCL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U
1
U
2
X
3
1
4
A
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
D
× L
8
× 6.2
8
× 10
CL
6.3
× 7.7
CL
NL
10
× 10
NL
Configuration
Package code
Size code
Capacitance tolerance (–20%)
Rated Capacitance (100 F)
Rated voltage (10V)
Series name
Type
Code
(mm)
A
B
C
E
L
H
6.3
× 7.7
2.4
6.6
6.6
2.2
7.7
0.5 ~ 0.8
8
× 6.2
3.3
8.3
8.3
2.3
6.2
0.5 ~ 0.8
8
× 10
2.9
8.3
8.3
3.1
10
0.8 ~ 1.1
10
× 10
3.2
10.3
10.3
4.5
10
0.8 ~ 1.1
φ D × L
ALUMINUM ELECTROLYTIC CAPACITORS
UX
series
Chip Type, Higher Capacitance Range
Chip type, higher capacitance in larger case sizes..
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
(
φ6.3, φ8 × 6.2)
(
φ8 × 10, φ10 × 10)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 55 ~ +105°C
6.3 ~ 100V
4.7 ~ 1000µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV (µA).
Black print on the case top.
Measurement frequency : 120Hz
After 2000 hours' application of rated voltage
at 105°C, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Z– 55°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
100
4
63
3
50
2
35
3
25
3
16
3
10
4
6.3
4
UX
Type numbering system (Example : 10V 100µF)
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
Rated Ripple (mArms) at 105°C 120Hz
Dimensions
Frequency coefficient of rated ripple current
Cap.(µF)
00 ~ 470
100 ~ 1000
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.80
1.00
1.15
1.40
1.67
0.85
1.00
1.08
1.20
1.30
Frequency
Rated voltage (V)
tan
δ (MAX.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.10
100
0.08
Measurement frequency : 120Hz, Temperature : 20°C
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of intial specified value
UJ
Extended
range
Size
φ6.3 × 7.7 is available for capacitors marked. " " / Size φ8 × 10 is available for capacitors marked. " "
In this case, 6 will be put at 12th digit of type numbering system.
4.7
10
22
33
47
100
220
330
470
680
1000
4R7
100
220
330
470
101
221
331
471
681
102
8
´ 10
8
´ 10
10
´ 10
10
´ 10
10
´ 10
161 (121)
288
340 (316)
408
495
90
173
318 (296)
351 (326)
392
8
´ 6.2
8
´ 10
10
´ 10
10
´ 10
10
´ 10
148 (111)
330 (307)
441 (410)
489
8
´ 10
10
´ 10
10
´ 10
10
´ 10
79 (78)
181
351 (283)
372
8
´ 6.2
8
´ 10
10
´ 10
10
´ 10
76 (75)
124
304 (283)
450
8
´ 6.2
8
´ 10
10
´ 10
10
´ 10
67 (64)
133
180 (167)
310
8
´ 6.2
8
´ 10
10
´ 10
10
´ 10
35
1V
50
1H
51
108
185 (179)
220
320
8
´ 6.2
8
´ 10
10
´ 10
10
´ 10
10
´ 10
63
1J
42
75
150 (121)
180
230
8
´ 6.2
8
´ 10
10
´ 10
10
´ 10
10
´ 10
100
2A
25
1E
16
1C
10
1A
6.3
0J
Cap.(mF)
V
Code
Case size
fD ´ L (mm)
Rated
ripple
2 Voltage
Capacitance
105
°C Marking
Lot No.
Plastic platform
0.3MAX.
C
±0.2
H
H
Positive
Negative
2 Voltage mark for
6.3V is 6V .
Plastic platform
Pressure relief vent
0.3MAX.
C
±0.2
Positive
Negative
L
±0.3
L
±0.5
2 Voltage
Capacitance
Lot No.
Trade mark
Trade mark
105
°C Marking
1
1 Size
φ8 × 6.2 only
UB
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please select UJ(p.76) series if high C/V products are
reqired.
Please refer to page 3 for the minimum order quantity.
CAT.8100V
High
Temperature


Similar Part No. - UUX1C221MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUX1C221MNL1GS NICHICON-UUX1C221MNL1GS Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UUX1C221MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com