Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQR2W472MSEJ Datasheet(PDF) 1 Page - Nichicon corporation

Part # LQR2W472MSEJ
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LQR2W472MSEJ Datasheet(HTML) 1 Page - Nichicon corporation

  LQR2W472MSEJ Datasheet HTML 1Page - Nichicon corporation LQR2W472MSEJ Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
Item
Performance Characteristics
After an application of charge-discharge voltage for 20million times
(charge-discharge voltage difference(
∆V)=rated voltage
× 0.3, cycle
3Hz)capacitors shell meet the characteristics requirement listed at
right
After an application of DC voltage (in the range of rated voltage even after
over-lapping the standard ripple current) for 5,000 hours at 85°C, capacitors
meet the characteristics requirements listed at right.
ALUMINUM ELECTROLYTIC CAPACITORS
QR
Hi speed
charge-
discharge
QR
series
Screw Terminal Type, High speed charge-discharge
Suited for high frequency regenerative voltage for AC servomotor,
general inverter.
Suited for equipment used at valtage fluctuating area.
Suited for rectifier circuit of voltage doubler
Available for adapted to the RoHS directive (2002/95/EC).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance of charge-
discharge behavior
Endurance
Shelf Life
Marking
25 ~ +85°C
350 ~ 450V
680 ~ 15000µF
± 20% at 120Hz, 20°C
After 5 minutes' application of rated voltage, leakage current is not more than
(µA) or 5 mA, whichever is smaller (at 20°C).
[C : Rated Capacitance(µF), V : Voltage (V) ]
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the specified value for endurance characteristics listed above.
(Measurement frequency:120Hz,
Temperature:20°C)
Rated voltage (V)
350
400
450
tan
δ (MAX.)
0.15
0.15
0.15
Rated voltage (V)
350 ~ 450
Z 25°C / Z+20°C
8
Impedance ratio ZT/Z20(MAX.)
Measurement frequency : 120Hz
Printed with white color letter on darkbrown sleeve.
P
7
Pressure relief vent
Pressure relief vent
A±2
120¡
30¡
Sleeve
Bottom plate
Hexagenal headed bolt
P±2
B
T
U
L+ MAX.
H±1
±1
h
U
S
Pressure relief vent
29±1
24
7
+
Sleeve
Bottom plate
1
Hexagenal headed bolt (M5)
L+3MAX.
15±0.5
10
B35 Screw terminal type
Drawing
φ 51 ~ 90 Screw terminal type
Dimension table in next page.
B
3-leg brackets for
φ90 capacitors have different
hole shapes from the ordinary ones illustrated
below.
7.5
8.0
7.0
8.0
6.0
7.0
6.0
6.0
5.0
5.0
5.0
5.0
4.5
4.5
4.5
4.5
14
14
14
14
30
30
30
30
51
63.5
76.2
90
51
63.5
76.2
90
32.5
38.1
44.5
50.8
33.2
40.5
46.5
53
38.5
43
49.2
58.5
40
46.5
53
59
20
25
30
35
25
35
35
35
15
20
24
25
15
20
20
20
12
14
14
18
60
60
60
60
Dimension of mounting bracket
P
A
H
h
T
S
U
°
3--Leg
2--Leg
Symbol
Leg shape
φD
φDW
R
α
Nominal dia. of bolt
51
22.0
6
3
M 5
63.5
28.6
6
3
M 5
76.2
31.8
6
3
M 5
90
31.8
6
3
M 5
Dimension of terminal pitch (W) and length (
R) and Nominal dia. of bolt
(mm)
(mm)
NX
Type numbering system (Example : 400V 1800µF)
L
1
Q
2
R
3
2
4
G
5
1
6
8
7
2
8
M
9
S
10
EF
11
12
13 14
Capacitance tolerance (
±20%)
Case dia. code
Resin bushing available upon request.
Mounting bracket
φD
Rated Capacitance (1800
µF)
Rated voltage (400V)
Series name
Type
35
51
63.5
Code less
BN
2-leg brackets
No brackets
76.2
90
C
F
G
H
J
Code
Code less
BB
BN
3-leg brackets
2-leg brackets
No brackets
(
φ51 ~ φ90)
(
φ35)
Configuration
Configuration
Please contact us if PVCless products are required
Cr (III) Plating
(RoHS compliant)
SE
Capacitance change
tan
δ
Leakage current
Appearance
Within ±20% of initial value
300% or less of initial specified value
Initial specified value or less
There shell be found to remarkable abnormality on the capacitor
Capacitance change
tan
δ
Leakage current
Within ±20% of initial value
300% or less of initial specified value
Initial specified value or less
3 CV


Similar Description - LQR2W472MSEJ

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com