Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPM2A222MDD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPM2A222MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM2A222MDD Datasheet(HTML) 1 Page - Nichicon corporation

  UPM2A222MDD Datasheet HTML 1Page - Nichicon corporation UPM2A222MDD Datasheet HTML 2Page - Nichicon corporation UPM2A222MDD Datasheet HTML 3Page - Nichicon corporation UPM2A222MDD Datasheet HTML 4Page - Nichicon corporation UPM2A222MDD Datasheet HTML 5Page - Nichicon corporation UPM2A222MDD Datasheet HTML 6Page - Nichicon corporation UPM2A222MDD Datasheet HTML 7Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
U
1
P
2
M
3
1
4
E
5
4
6
7
7
1
8
M
9
P
10
D
11 12
Configuration
Size code
Capacitance tolerance (
± 20%)
Rated Capacitance (470
µF)
Rated voltage (25V)
Series name
Type
Type
15000
10000
6800
4700
3300
2200
1500
1000
680
470
330
220
150
100
68
47
33
22
15
10
0.68
0.47
0
0.5
0.6
0.7
0.8
0.9
1.0
Frequency coefficient
300Hz
1kHz
120Hz
Frequency coefficient
Rated voltage
6.3~100V
(10kHz~
200kHz=1)
Small Dia
Low Profile
Code
6
In case L > 25 for the
φ12.5 dia. unit, lead dia. φ d = 0.8mm.
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
12.5 ~ 18
HD
Configuration
(
φ6.3up)
15MIN
4MIN
Sleeve (P.E.T.)
Pressure
relief vent
φd
L+ MAX.
15000
10000
6800
4700
3300
2200
1500
1000
680
470
330
220
150
100
68
47
33
22
15
10
0.68
0.47
0
0.5
0.6
0.7
0.8
0.9
1.0
Frequency coefficient
300Hz
1kHz
120Hz
Frequency coefficient
Rated voltage
6.3~100V
(10kHz~
200kHz=1)
160~450V
50Hz
120Hz
100Hz
11kHz
110kHz~
0.80
1.00
1.25
1.40
1.60
ALUMINUM ELECTROLYTIC CAPACITORS
Extremely Low Impedance, High Reliability
High reliability withstanding 5000 hour load life at +105°C (3000/2000 hours
for smaller case sizes as specified below).
Capacitance ranges available based on the numerical values in E12 series
under JIS.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 25V 470µF)
(
φD < 10) 1.5
(
φD >= 10) 2.0
φD
P
φd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
5.0
0.6
12.5
0.6
16
7.5
0.8
18
7.5
0.8
(mm)
Frequency coefficient of
rated ripple current
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
PM
series
(through 100V only)
PM
PW
Smaller
Dimension table in next page.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Marking
Performance Characteristics
Item
– 55 ~ +105°C (6.3 ~ 100V), –40 ~ +105°C (160 ~ 400V), –25 ~ +105°C (450V)
6.3 ~ 450V
0.47 ~ 15000µF
± 20% at 120Hz, 20°C
Rated Voltage (V)
Leakage current
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz, Temperature : 20°C
120Hz
After 1 minute's application of rated voltage, leakage current is not more
than 0.03CV or 4 (µA), whichever is greater.
Printed with white color letter on dark brown sleeve.
After an application of D.C. bias voltage plus the rated ripple
current for 5000 hours (2000 hours for D = 5 and 6.3,
3000 hours for D=8) at 105°C the peak voltage shall not
exceed the rated D.C. voltage, capacitors meet the
characteristic requirements listed at right.
Shelf Life
After storing the capacitors under no load at 105°C
for 1000 hours, and after performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C, they will meet the
characteristic requirements listed at right.
160 ~ 450
CV <
= 1000 :
I = 0.1CV+40 (µA) max. (1 minute's)
CV > 1000 :
I = 0.04CV+100 (µA) max. (1 minute's)
Rated voltage (V)
Impedance
ratio (MAX.)
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Z– 55°C / Z+20°C
Rated Voltage (V)
tan
δ (MAX.)
6.3
0.22
6.3 · 10
4
16
3
25 · 35
3
50~100
2
160~200
4
250
6
315~350
8
400
10
450
15
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63 ~ 100
0.08
160 ~ 350
0.20
400 · 450
0.25
6.3 ~ 100
Leakage current
tan
δ
Capacitance change
Initial specified value or less
200% or less of initial specified value
Within ±20% of initial value
Leakage current
tan
δ
Capacitance change
Initial specified value or less
150% or less of initial specified value
Within ±20% of initial value
• Please refer to page 21 about the end seal configulation.
CAT.8100V-1


Similar Part No. - UPM2A222MDD

ManufacturerPart #DatasheetDescription
logo
Rohm
UPM2G010MPD ROHM-UPM2G010MPD Datasheet
103Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPM2A222MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com