Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UUD1A560MCL Datasheet(PDF) 2 Page - Nichicon corporation

Part # UUD1A560MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUD1A560MCL Datasheet(HTML) 2 Page - Nichicon corporation

  UUD1A560MCL Datasheet HTML 1Page - Nichicon corporation UUD1A560MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2.2
3.3
4.7
10
15
22
27
33
47
56
68
100
150
220
330
470
680
1000
1500
010
2R2
3R3
4R7
100
150
220
270
330
470
560
680
101
151
221
331
471
681
102
152
4
× 5.8
5
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 10
8
× 10
8
× 10
10
× 10
1.80
0.76
0.76
0.76
0.44
0.44
0.44
0.44
0.34
0.17
0.17
0.17
0.09
80
150
150
150
230
230
230
230
280
450
450
450
670
1H
50
0J
6.3
1A
10
1C
16
1E
25
1V
35
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 10
8
× 10
10
× 10
10
× 10
1.80
0.76
0.76
0.44
0.44
0.44
0.44
0.44
0.34
0.17
0.17
0.09
0.09
80
150
150
230
230
230
230
230
280
450
450
670
670
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
6.3
× 7.7
8
× 10
8
× 10
10
× 10
1.80
0.76
0.76
0.44
0.44
0.44
0.44
0.44
0.34
0.34
0.17
0.17
0.09
80
150
150
230
230
230
230
230
280
280
450
450
670
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 10
8
× 10
8
× 10
10
× 10
1.80
0.76
0.76
0.44
0.44
0.44
0.44
0.44
0.34
0.17
0.17
0.17
0.09
80
150
150
230
230
230
230
230
280
450
450
450
670
4
× 5.8
5
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
6.3
× 7.7
8
× 10
8
× 10
8
× 10
10
× 10
1.80
0.76
0.76
0.76
0.44
0.44
0.44
0.34
0.34
0.17
0.17
0.17
0.09
80
150
150
150
230
230
230
280
280
450
450
450
670
4
× 5.8
4
× 5.8
4
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
6.3
× 7.7
6.3
× 7.7
8
× 10
8
× 10
8
× 10
10
× 10
10
× 10
5.00
5.00
5.00
1.52
0.88
0.88
0.88
0.68
0.68
0.68
0.34
0.34
0.34
0.18
0.18
30
30
30
85
165
165
165
185
185
185
300
300
300
670
670
V
Code
Cap.
(µF)
Impedance
Case size
φ D × L (mm)
Rated
ripple
UD
series
Dimensions
Max. Impedance (
Ω) at 20°C 100kHz,
Rated Ripple (mArms) at 105°C 100kHz
ALUMINUM ELECTROLYTIC CAPACITORS
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.35
0.50
0.64
0.83
1.00
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please refer to page 3 for the minimum order quantity.
CAT.8100V


Similar Part No. - UUD1A560MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUD1A560MCL1GS NICHICON-UUD1A560MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
More results

Similar Description - UUD1A560MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com