Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12F-80 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 12F-80
Description  STANDARD RECOVERY DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

12F-80 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  12F-80 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12F(R) SERIES
STANDARD RECOVERY DIODE
V
RRM = 100-1200V, IF(AV) = 12A ,VF = 1.26 Volt.
(Anode to Stud add Suffix R)
Symbol
K
A
Cathode to Stud Shown
DIMENSIONS
Millimetres
Inches
Dim
Min
Min
Max
Max
a
b
c
d
e
f
g
h
j
k
0.424
0.437
10.77 11.20
0.020
0.065
0.51
1.65
12.82
0.505
0.310
7.87
0.413
10.49
0.060
0.100
1.53
2.54
0.075
0.175
1.91
4.44
10 -32 UNF3A
0.600
0.820 15.24
20.82
0.422
0.453 10.72
11.50
m
0.405
10.29
MetalCase
DO-4
b
c
d
e
f
g
h
j
k
m
Polarity Symbol
a
Maximum Storage Temperature Range
Maximum Average On-State Current
IF(AV)
Peak Forward Surge Current 8.3mS
IFSM
MAXIMUM RATINGS
Parameter
Symbol
(Tj = 25 OC unless stated otherwise)
Repetitive Peak Reverse Voltage
VRRM
12F(R)
-10
Maximum Junction Temperature Range
Tj
T
(STG)
100
200
400
600
800
1000
1200
12.0 at tc=144OC
235
Maximum I 2T for Fusing 8.3ms
I 2 T
Volt
Unit
Amp
Amp
O
C
O
C
A2/S
226
-65 to +200
-65 to +175
12F(R)
-20
12F(R)
-40
12F(R)
-60
12F(R)
-80
12F(R)
-100
12F(R)
-120
Add Prefix"A" for avalanche 400-1200V
mA
Thermal Resistance (Junction to Case)
ELECTRICAL CHARACTERISICS at
Tj = 25 C Maximum. Unless stated Otherwise
Parameter
Unit
Symbol
Value
Typ
Min
Max
Maximum Forward Voltage
Repetitive Peak Reverse Current
12.0
Volt
2.0
VFM
IRRM
NM
Mounting Torque
Weight
MT
1.2
grms
Wt
Condition
R
TH (J-c)
O
C/W
1.26
7.0
I
FM = 38 Amps
V
R = VRRM. tJ=175
O
C
tp= 10µs rect wave at tj
Max
Maximum non-repetitive peak reverse power
(Avalanche Version)
PR
kW
7.0
12.0


Similar Part No. - 12F-80

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
12F-10E YUANDEAN-12F-10E Datasheet
612Kb / 2P
   RJ45 Jack
12F-10EGYDSNW2NL YUANDEAN-12F-10EGYDSNW2NL Datasheet
612Kb / 2P
   RJ45 Jack
12F-11YGD YUANDEAN-12F-11YGD Datasheet
612Kb / 2P
   RJ45 Jack
12F-11YGD2NL YUANDEAN-12F-11YGD2NL Datasheet
612Kb / 2P
   RJ45 Jack
12F-15 YUANDEAN-12F-15 Datasheet
612Kb / 2P
   RJ45 Jack
More results

Similar Description - 12F-80

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD700C TEL-SD700C Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
16F-10 TEL-16F-10 Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
50PF-40 TEL-50PF-40 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
logo
Nell Semiconductor Co.,...
D1400B NELLSEMI-D1400B Datasheet
3Mb / 3P
   STANDARD RECOVERY DIODE
logo
Nihon Inter Electronics...
EP05DA40 NIEC-EP05DA40 Datasheet
138Kb / 1P
   Standard Recovery Diode
logo
National Instruments Co...
10DDA40_2015 NI-10DDA40_2015 Datasheet
138Kb / 1P
   Standard Recovery Diode
10DDA60_2015 NI-10DDA60_2015 Datasheet
146Kb / 1P
   Standard Recovery Diode
10EDB10_2015 NI-10EDB10_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10EDB20_2015 NI-10EDB20_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10EDB60_2015 NI-10EDB60_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10JDA10_2015 NI-10JDA10_2015 Datasheet
141Kb / 1P
   Standard Recovery Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com