Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPM1J272MDD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UPM1J272MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1J272MDD Datasheet(HTML) 3 Page - Nichicon corporation

  UPM1J272MDD Datasheet HTML 1Page - Nichicon corporation UPM1J272MDD Datasheet HTML 2Page - Nichicon corporation UPM1J272MDD Datasheet HTML 3Page - Nichicon corporation UPM1J272MDD Datasheet HTML 4Page - Nichicon corporation UPM1J272MDD Datasheet HTML 5Page - Nichicon corporation UPM1J272MDD Datasheet HTML 6Page - Nichicon corporation UPM1J272MDD Datasheet HTML 7Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
PM
series
Standard ratings
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
10
× 31.5
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
0.85
0.65
0.49
0.39
0.30
0.24
0.20
0.17
0.14
0.12
0.10
0.085
0.075
0.065
0.055
0.050
0.043
0.038
0.034
0.031
0.028
0.026
0.024
0.022
0.020
0.019
0.018
1.70
1.30
0.98
0.78
0.60
0.48
0.40
0.34
0.28
0.24
0.20
0.17
0.15
0.13
0.11
0.10
0.086
0.076
0.068
0.062
0.056
0.052
0.048
0.044
0.040
0.038
0.036
150
175
225
250
285
370
405
445
550
595
730
795
950
1060
1260
1370
1470
1700
1710
1980
2230
2460
2510
2770
3110
3050
3300
99
115
155
175
205
275
310
345
435
480
605
670
820
895
1090
1230
1320
1430
1530
1710
1890
2040
2130
2290
2470
2530
2660
10
× 12.5
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
18
× 15
16
× 20
18
× 20
18
× 20
18
× 25
18
× 31.5
18
× 31.5
0.14
0.13
0.11
0.095
0.085
0.075
0.065
0.055
0.049
0.044
0.039
0.036
0.032
0.030
0.027
0.025
0.023
0.28
0.26
0.22
0.19
0.17
0.15
0.13
0.11
0.098
0.088
0.078
0.072
0.064
0.060
0.054
0.050
0.046
635
670
825
840
890
950
1020
1270
1340
1500
1600
1770
1920
1980
2350
2600
2720
455
485
580
635
765
835
915
1140
1200
1350
1440
1540
1720
1780
1980
2150
2240
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 35.5
16
× 40
18
× 40
0.80
0.65
0.55
0.44
0.35
0.29
0.24
0.20
0.16
0.14
0.12
0.10
0.085
0.070
0.060
0.050
0.045
0.039
0.034
0.030
0.026
0.024
0.023
0.021
0.020
0.019
0.017
1.60
1.30
1.10
0.88
0.70
0.58
0.48
0.40
0.32
0.28
0.24
0.20
0.17
0.14
0.12
0.10
0.090
0.078
0.068
0.060
0.052
0.048
0.046
0.042
0.040
0.038
0.034
155
175
210
235
265
290
370
405
460
550
595
730
795
985
1060
1260
1450
1470
1710
1980
2230
2460
2420
2610
2770
3110
3300
97
110
135
160
185
205
270
300
350
430
475
590
660
835
915
1120
1290
1320
1530
1740
1960
2120
2170
2340
2410
2530
2730
10
× 12.5
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 20
18
× 20
18
× 25
18
× 25
18
× 31.5
18
× 35.5
0.15
0.13
0.11
0.090
0.080
0.065
0.060
0.050
0.044
0.039
0.035
0.031
0.028
0.026
0.024
0.022
0.021
0.30
0.26
0.22
0.18
0.16
0.13
0.12
0.10
0.088
0.078
0.070
0.062
0.056
0.052
0.048
0.044
0.042
0635
0670
0700
0825
0920
1040
1060
1330
1420
1600
1740
1850
2050
2350
2440
2720
3050
430
475
565
635
780
895
930
1190
1270
1440
1560
1660
1840
2020
2100
2280
2420
6.3 (0J)
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz
–10°C / 100kHz
105°C /
105°C / 120Hz
Rated ripple (mArms)
6
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz
–10°C / 100kHz
105°C /
105°C / 120Hz
Rated ripple (mArms)
10kHz~
200kHz
10kHz~
200kHz
10 (1A)
Case size
φ D × L
(mm)
Impedance (
Ω)MAX.
20°C / 100kHz
–10°C / 100kHz
105°C /
105°C / 120Hz
Rated ripple (mArms)
6
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz
–10°C / 100kHz
105°C /
105°C / 120Hz
Rated ripple (mArms)
10kHz~
200kHz
10kHz~
200kHz
Code
Code
Item
Item
Size code
Size code
V(Code)
V(Code)
Cap.(µF)
Cap.(µF)
In case of low profile type,
will be put at 12th digit of type numbering system.
6
CAT.8100V-1


Similar Part No. - UPM1J272MDD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPM1J271MHD NICHICON-UPM1J271MHD Datasheet
103Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPM1J272MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com