Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTM1E220MED Datasheet(PDF) 1 Page - Nichicon corporation

Part # UTM1E220MED
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UTM1E220MED Datasheet(HTML) 1 Page - Nichicon corporation

  UTM1E220MED Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
U
1
T
2
M
3
1
4
A
5
3
6
3
7
0
8
M
9
P
10
D
11
Configuration
Capacitance tolerance
(M : ±20%, K : ±10%)
Rated Capacitance (33µF)
Rated voltage (10V)
Series name
Type
Pressure
relief vent
L+1MAX.
15MIN
4MIN
Bd
BD
P
Bd
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
Sleeve (P.E.T.)
B D
6.3
Pb-free leadwire
Pb-free PET sleeve
ED
8á10
PD
12.5 á 16
HD
Configuration
(mm)
ALUMINUM ELECTROLYTIC CAPACITORS
TM
series
Timer Circuit Use
Ideally suited for timer circuits.
Excellent leakage current stability, even subjected to load or no load at high temperature
for a long time.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Dimensions
Type numbering system (Example : 10V 33µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
10 ~ 50V
1 ~ 470µF
± 20% (M) (±10% (K) semi-standard) at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is 0.001CV+1 (µA) or less.
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz
After 2000 hours' application of rated voltage
at 85°C, capacitors meet the characteristics
requirements listed at right.
After storing the capacitors under no load at 85˚C for 1000 hours, and after performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage (V)
tan
δ (MAX.)
10
0.17
16
0.13
25
0.10
50
0.08
φ D × L (mm)
TM
High
Stability
KL
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
10
2
4
16
2
3
25
1.5
2
50
1.5
2
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
150% or less of initial specified value
Initial specified value or less
Measurement frequency : 120Hz, Temperature : 20°C
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
10
× 20
12.5
× 25
12.5
× 25
1A
Cap.
(µF)
V
10
Code
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 25
1C
16
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 16
12.5
× 20
16
× 25
16
× 25
16
× 31.5
1E
25
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 31.5
1H
50
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UTM1E220MED

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTM1053 TELEDYNE-UTM1053 Datasheet
127Kb / 4P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTM1056 TELEDYNE-UTM1056 Datasheet
129Kb / 4P
   Thin-Film Cascadable Amplifier 10 to 1000 MHz
UTM1057 TELEDYNE-UTM1057 Datasheet
129Kb / 4P
   Thin-Film Cascadable Amplifier 10 to 1000 MHz
More results

Similar Description - UTM1E220MED

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com