Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV08T250WAH Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTV08T250WAH
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE w/ TurboTrans??TECHNOLOGY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV08T250WAH Datasheet(HTML) 5 Page - Texas Instruments

  PTV08T250WAH Datasheet HTML 1Page - Texas Instruments PTV08T250WAH Datasheet HTML 2Page - Texas Instruments PTV08T250WAH Datasheet HTML 3Page - Texas Instruments PTV08T250WAH Datasheet HTML 4Page - Texas Instruments PTV08T250WAH Datasheet HTML 5Page - Texas Instruments PTV08T250WAH Datasheet HTML 6Page - Texas Instruments PTV08T250WAH Datasheet HTML 7Page - Texas Instruments PTV08T250WAH Datasheet HTML 8Page - Texas Instruments PTV08T250WAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
DEVICE INFORMATION
PIN 1
)
V
- 0.8
O
0.8
- 7.135 kW
(
R
= 30.1
SET
x
PTV08T250W
SLTS260B – OCTOBER 2005 – REVISED NOVEMBER 2005
PTV08T250W
(Top View)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
4, 5, 11, 12, 18,
This is the common ground connection for the VI and VO power connections. It is also the 0 Vdc reference
GND
19
for the control inputs.
6, 7, 13, 14, 20,
VI
The positive input voltage power node to the module, which is referenced to common GND.
21
VO
3, 10, 17
The regulated positive power output with respect to GND.
The Inhibit pin is an open-collector/drain negative logic input that is referenced to GND. Applying a
low-level ground signal to this input disables the module’s output and turns off the output voltage. When
the Inhibit control is active, the input current drawn by the regulator is significantly reduced. If the Inhibit
pin is left open-circuit, the module produces an output whenever the input voltage is above the UVLO
Inhibit /
16
threshold.
UVLO
This pin is also used for input undervoltage lockout (UVLO) programming. Connecting a resistor from this
pin to signal ground allows the ON threshold of the UVLO to be adjusted higher than the default value.
The hysterisis can also be independently reduced by connecting a second resistor from this pin to VI. For
further information, see the Application Information section.
A 1%, 0.05-W resistor must be connected between this pin and GND to set the output voltage higher
than the minimum value. The set-point range for the output voltage is from 0.8 V to 3.6 V. The resistor
VO Adjust
8
required for a given output voltage may be calculated from the following formula. If left open circuit, the
module output defaults to its lowest output voltage value. For further information on the adjustment and/or
trimming of the output voltage, see the related Application Information section.
The specification table gives the preferred resistor values for a number of standard output voltages.
The sense inputs allow the regulation circuit to compensate for voltage drop between the module and the
+Sense
1
load. For optimal voltage accuracy, +Sense should be connected to VO. If it is left open, a low-value
internal resistor ensures that the output remains in regulation.
For optimal voltage accuracy, –Sense should be connected to the ground return at the load. If it is left
–Sense
2
open, a low-value internal resistor ensures that the output remains in regulation.
This is an analog control input that allows the output voltage to follow another voltage during power up
and power down sequences. The pin is active from 0 V, up to the nominal set-point voltage. Within this
range, the module output follows the voltage at the Track pin on a volt-for-volt basis. When the control
Track
15
voltage is raised above this range, the module regulates at its nominal output voltage. If unused, this
input should be connected to VI for a faster power up. For further information, see the related Application
Information section.
This input pin adjusts the transient response of the regulator. For a given value of output capacitance, a
reduction in peak output voltage deviation and increased system stability is achieved by placing a resistor
between this pin and +Sense. A 1%, 0.05-W resistor must be connected between this pin and +Sense to
TurboTrans
9
activate the TurboTrans feature. Suggested placement of this resistor is within 1 cm from pin 9. The
resistor value required can be selected from the TurboTrans resistor table. If unused, this input pin
should be left open-circuit. For further information, see the related Application Information section.
5


Similar Part No. - PTV08T250WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV08040W TI-PTV08040W Datasheet
714Kb / 23P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTV08040WAD TI-PTV08040WAD Datasheet
714Kb / 23P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTV08040WAH TI-PTV08040WAH Datasheet
714Kb / 23P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
More results

Similar Description - PTV08T250WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH08T210W TI-PTH08T210W Datasheet
1Mb / 30P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
PTV08040W TI-PTV08040W Datasheet
714Kb / 23P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH05T210W TI-PTH05T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
PTH05T210W TI-PTH05T210W Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com