Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62158DV30LL-70ZSXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62158DV30LL-70ZSXI
Description  8-Mbit (1024K x 8) MoBL Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158DV30LL-70ZSXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62158DV30LL-70ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 10Page - Cypress Semiconductor CY62158DV30LL-70ZSXI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY62158DV30
MoBL
Document #: 38-05391 Rev. *D
Page 9 of 11
Package Diagrams
48-lead VFBGA (6 x 8 x 1 mm) BV48A
51-85150-*B
1
N
0.020[0.50]
0.007[0.17]
0.037[0.95]
0.002[0.05]
0°-5°
MAX.
0.028[0.70]
0.010[0.25]
0.004[0.10]
0.011[0.27]
0.041[1.05]
0.047[1.20]
0.472[12.00]
0.724 [18.40]
0.787[20.00]
0.006[0.15]
TYP.
0.020[0.50]
0.008[0.21]
GAUGE PLANE
DIMENSIONS IN INCHES[MM] MIN.
MAX.
JEDEC # MO-142
48-Lead TSOP I (12 mm x 18.4 mm x 1.0 mm) Z48A
51-85183-*A
[+] Feedback
[+] Feedback


Similar Part No. - CY62158DV30LL-70ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158CV25 CYPRESS-CY62158CV25 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV25LL-70BAI CYPRESS-CY62158CV25LL-70BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30LL-55BAI CYPRESS-CY62158CV30LL-55BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158CV30LL-70BAI CYPRESS-CY62158CV30LL-70BAI Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
More results

Similar Description - CY62158DV30LL-70ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_11 Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com