Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPW1A102MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPW1A102MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPW1A102MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UPW1A102MHD Datasheet HTML 1Page - Nichicon corporation UPW1A102MHD Datasheet HTML 2Page - Nichicon corporation UPW1A102MHD Datasheet HTML 3Page - Nichicon corporation UPW1A102MHD Datasheet HTML 4Page - Nichicon corporation UPW1A102MHD Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CAT.8100V
Performance Characteristics
Item
Rated voltage (V)
15MIN
4MIN
Bd
U
1
P
2
W
3
1
4
A
5
6
6
8
7
1
8
M
9
P
10
D
11 12
Configuration
Size code
Capacitance tolerance (±20%)
Rated Capacitance (680µF)
Rated voltage (10V)
Series name
Type
Pressure relief vent
B6.3up (No pressure relief vent for 7mmL products)
L+ MAX.
Sleeve (P.E.T.)
B D
Pb-free leadwire
Pb-free PET sleeve
4á 5
DD
6.3
ED (7mm L : DD)
8á 10
PD
12.5 ~ 18
HD
Configuration
20 ~ 25
RD
BD
P
Bd
4
1.5
0.45
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
(0.45) (0.45)
0.8
(L = 7) 1.0
(L < 20) 1.5
(L20) 2.0
: Applied to L>25 products
( ): Applied to 7mmL products
20
22
10.0 10.0
1.0
1.0
25
12.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
(mm)
PW
series
Miniature Sized, Low lmpedance,
High Reliability For Switching Power Supplies
Radial Lead Type
Type numbering system (Example : 10V 680µF)
Smaller case size and lower impedance than PM series.
Low impedance and high reliability withstanding 2000 hours to 8000 hours.
Capacitance ranges available based on the numerical values in E12 series
under JIS.
Adapted to the RoHS directive (2002/95/EC).
Dimension table in next page.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
– 55 ~ +105˚C (6.3 ~ 100V), – 40 ~ + 105˚C (160 ~ 400V), – 25 ~ +105˚C (450V)
6.3 ~ 450V
0.47 ~ 15000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage (V)
6.3 ~ 100
160 ~ 450
Leakage current
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA), whichever is greater.
CV <
= 1000 : I = 0.1CV+40 (µA) max. (1 minute's)
CV > 1000 :
I = 0.04CV+100 (µA) max. (1 minute's)
tan
δ (MAX.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
100
0.08
160 ~ 250
0.15
315 · 350
0.20
400 · 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz, Temperature : 20˚C
120Hz
Z
25˚C / Z+20˚C
Rated voltage (V)
Impedance ratio
(MAX.)
6.3 · 10
3
16 · 25
3
35 · 50
3
63 · 100
3
160 · 200
3
4
250
3
6
315 · 350
4
8
400
6
10
450
15
Z
40˚C / Z+20˚C
Z
55˚C / Z+20˚C
After an application of D.C. bias voltage plus the rated ripple
current for 8000 hours (2000 hours for D = 4, 5 and 6.3,
3000 hours for D = 8, 5000 hours for D = 10, 7000 hours for
D = 12.5) at 105˚C the peak voltage shall not exceed the
rated D.C.voltage, capacitors meet the characteristic
requirements listed at right.
Frequency coefficient of rated ripple current
V
6.3 ~ 100
160 ~ 450
Frequency
Cap. (µF)
..~ 56
68 ~ 330.
390 ~ 1000.
.1200 ~ 15000
0.47 ~ 2200
330 ~ 470.
50Hz
0.20
0.55
0.70
0.80
0.80
0.90
120Hz
0.30
0.65
0.75
0.85
1.00
1.00
300Hz
0.50
0.75
0.80
0.90
1.25
1.10
1kHz
0.80
0.85
0.90
0.95
1.40
1.13
10kHz ~
1.00
1.00
1.00
1.00
1.60
1.15
Leakage current
tan
δ
Capacitance change
Initial specified value or less
200% or less of initial specified value
Within ±20% of initial value
PW
PM
Smaller
ALUMINUM ELECTROLYTIC CAPACITORS
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Low
Impedance
PA
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UPW1A102MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPW1A102MPD NICHICON-UPW1A102MPD Datasheet
821Kb / 8P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPW1A102MPD1TD NICHICON-UPW1A102MPD1TD Datasheet
83Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPW1A102MPD6 NICHICON-UPW1A102MPD6 Datasheet
821Kb / 8P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPW1A102MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com