Electronic Components Datasheet Search
Selected language     English  ▼


SN74ALVC00DE4 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74ALVC00DE4
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATE
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
www.ti.com
FEATURES
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
DESCRIPTION/ORDERING INFORMATION
A
B
Y
SN74ALVC00
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SCES115G – JULY 1997 – REVISED AUGUST 2004
ESD Protection Exceeds JESD 22
Operates From 1.65 V to 3.6 V
– 2000-V Human-Body Model (A114-A)
Max tpd of 3 ns at 3.3 V
– 200-V Machine Model (A115-A)
±24-mA Output Drive at 3.3 V
– 1000-V Charged-Device Model (C101)
Latch-Up Performance Exceeds 250 mA Per
JESD 17
This quadruple 2-input positive-NAND gate is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVC00 performs the Boolean function Y = A · B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN - RGY
Tape and reel
SN74ALVC00RGYR
VA00
Tube
SN74ALVC00D
SOIC - D
ALVC00
Tape and reel
SN74ALVC00DR
-40
°C to 85°C
SOP - NS
Tape and reel
SN74ALVC00NSR
ALVC00
TSSOP - PW
Tape and reel
SN74ALVC00PWR
VA00
TVSOP - DGV
Tape and reel
SN74ALVC00DGVR
VA00
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
Y
A
B
H
H
L
L
X
H
X
L
H
LOGIC DIAGRAM, EACH GATE (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74ACT00-Q1QUADRUPLE 2-INPUT POSITIVE-NAND GATE 1 2 3 4 5 MoreTexas Instruments
SN74AUC00QUADRUPLE 2-INPUT POSITIVE-NAND GATE 1 2 3 4 5 MoreTexas Instruments
SN74AUC00_07QUADRUPLE 2-INPUT POSITIVE-NAND GATE 1 2 3 4 5 MoreTexas Instruments
SN5400_07QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54LV00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN5401_07QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74ALVC32_07QUADRUPLE 2-INPUT POSITIVE-OR GATE 1 2 3 4 5 MoreTexas Instruments
U74HC00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Unisonic Technologies
SN54AHCT00_07QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HC03_06QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl