Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URS1E330MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # URS1E330MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

URS1E330MHD Datasheet(HTML) 2 Page - Nichicon corporation

  URS1E330MHD Datasheet HTML 1Page - Nichicon corporation URS1E330MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
RS
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
103
0J
6.3
1H
50
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
6.3
× 9
8
× 9
10
× 9
12.5
× 15
16
× 15
16
× 15
18
× 15
18
× 20
35
55
75
125
200
250
330
510
890
1200
1410
1660
2020
1.1
2.3
3.5
5
13
26
35
40
65
90
120
140
240
420
530
750
1160
1750
1V
35
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
8
× 9
10
× 9
10
× 12.5
12.5
× 12.5
16
× 15
18
× 20
20
× 25
35
55
95
100
130
220
340
480
590
1010
1560
2000
1E
25
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
10
× 9
10
× 9
10
× 12.5
12.5
× 15
18
× 15
18
× 20
18
× 25
30
50
75
95
110
180
310
380
530
830
1360
1720
2050
1C
16
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
8
× 9
10
× 9
10
× 9
12.5
× 12.5
16
× 15
18
× 15
18
× 20
18
× 25
40
70
85
100
160
290
360
410
720
1160
1460
1770
2170
1A
10
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
8
× 9
8
× 9
10
× 12.5
12.5
× 15
16
× 15
18
× 15
18
× 20
18
× 25
55
75
90
135
220
300
360
620
960
1300
1550
1850
2350
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
6.3
× 9
10
× 9
10
× 12.5
12.5
× 12.5
16
× 15
18
× 20
20
× 25
Case size
φ D × L (mm)
Frequency coefficient of rated ripple current
00 ~ 47
100 ~ 470
1000 ~ 00000
10 ~ 220
6.3 ~ 100
160 ~ 400
V
50Hz
120Hz
300Hz
1 kHz
10 kHz ~
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
0.80
1.00
1.25
1.40
1.60
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
68
100
150
220
330
470
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
680
101
151
221
331
471
2C
160
16
× 15
18 × 15
∆ 18
× 20
18
× 25
.20
× 25
420
490
590
710
770
2G
400
16
× 15
18 × 15
18
× 20
18
× 25
20
× 25
Case size
φ D × L (mm)
140
280
350
420
490
2E
250
.16
× 15
18 × 15
.∆ 18
× 20
.18
× 20
.18
× 25
280
350
420
490
590
2D
200
.16
× 15
18 × 15
∆ 18
× 20
18
× 25
.18
× 25
350
420
490
590
710
V
Code
Cap.(µF)
Rated
ripple
Rated
ripple
Rated Ripple (mArms) at 85˚C 120Hz
Size
φ 16
× 20 is available for capacitors marked" "
Size
φ 20
× 15 is available for capacitors marked" ∆ "
Size
φ 20
× 20 is available for capacitors marked " "
In this case, 6 will be put at 12th digit of
type numbering system.
V
Code
Cap.(µF)
Frequency
Cap.(µF)
2A
100
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
5
× 9
6.3
× 9
6.3
× 9
8
× 9
10
× 9
10
× 12.5
12.5
× 15
16
× 15
18
× 15
1.9
4.5
6.5
8
17
26
35
45
70
130
180
230
370
620
760
1J
63
5
× 9.51
6.3
× 9.51
8
× 9.51
8
× 9.51
10
× 9.51
12.5
× 12.5
12.5
× 15.5
16
× 15.5
60
100
140
170
250
490
710
900


Similar Part No. - URS1E330MHD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
URS101B SCHNEIDER-URS101B Datasheet
57Kb / 2P
   METER SOCKET RINGLESS OH/UG 100A
URS101BCPL SCHNEIDER-URS101BCPL Datasheet
143Kb / 3P
   METER SOCKET RINGLESS OH/UG 100A
URS101BCR SCHNEIDER-URS101BCR Datasheet
126Kb / 2P
   METER SOCKET RING STYLE OH/UG 100A
URS101BDQ SCHNEIDER-URS101BDQ Datasheet
140Kb / 3P
   METER SOCKET RINGLESS HORN OH 100A
logo
YUXIANG Magnetc materia...
URS18.5 YUXIANG-URS18.5 Datasheet
87Kb / 1P
   URS CORES
More results

Similar Description - URS1E330MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com