Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVP1C101MED Datasheet(PDF) 2 Page - Nichicon corporation

Part # UVP1C101MED
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVP1C101MED Datasheet(HTML) 2 Page - Nichicon corporation

  UVP1C101MED Datasheet HTML 1Page - Nichicon corporation UVP1C101MED Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VP
series
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
12.5
× 20
12.5
× 20
16
× 25
18
× 35.5
57
64
76
125
215
345
410
720
1280
1690
2160
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
14
21
34
39
47
71
135
220
240
425
720
Rated
ripple
28
34
57
95
135
180
320
575
655
965
11
17
25
27
34
52
89
105
150
265
480
650
835
34
43
73
100
120
230
410
505
655
1140
42
57
70
95
160
275
375
485
855
1510
1980
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 16
10
× 16
12.5
× 20
16
× 25
16
× 31.5
18
× 35.5
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
Dimensions
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
64
76
125
215
265
370
650
1160
1570
2020
2600
0J
Rated Ripple (mArms) at 85°C 120Hz
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
1J
2A
63
100
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 31.5
18
× 35.5
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
12.5
× 20
12.5
× 20
12.5
× 25
16
× 31.5
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
18
× 35.5
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
12.5
× 20
12.5
× 20
16
× 25
18
× 35.5
42
65
80
95
160
305
450
540
950
1620
Case size
φD×L (mm)
V
Code
Cap. (µF)
ALUMINUM ELECTROLYTIC CAPACITORS
Frequency coefficient of rated ripple current
Cap.(µF)
0000 ~ 4700
0100 ~ 4700
1000 ~ 6800
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz ~
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
Frequency
CAT.8100V


Similar Part No. - UVP1C101MED

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-1257AA UOT-UVP-1257AA Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1357AA UOT-UVP-1357AA Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457A UOT-UVP-1457A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457AC UOT-UVP-1457AC Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457AE UOT-UVP-1457AE Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
More results

Similar Description - UVP1C101MED

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com