Electronic Components Datasheet Search |
|
UPM1E122MED Datasheet(PDF) 4 Page - Nichicon corporation |
|
UPM1E122MED Datasheet(HTML) 4 Page - Nichicon corporation |
4 / 7 page ALUMINUM ELECTROLYTIC CAPACITORS PM series Standard ratings 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 5 × 11 5 × 11 6.3 × 11 6.3 × 11 6.3 × 11 6.3 × 11 6.3 × 15 6.3 × 15 8 × 11.5 8 × 15 8 × 15 8 × 20 8 × 20 10 × 20 10 × 20 10 × 25 10 × 31.5 12.5 × 20 12.5 × 25 12.5 × 31.5 12.5 × 31.5 12.5 × 35.5 12.5 × 40 16 × 31.5 16 × 35.5 16 × 40 18 × 35.5 18 × 40 0.80 0.65 0.50 0.42 0.35 0.29 0.23 0.20 0.16 0.14 0.12 0.10 0.090 0.075 0.065 0.055 0.047 0.041 0.036 0.032 0.028 0.025 0.023 0.022 0.020 0.019 0.018 0.017 1.60 1.30 1.00 0.84 0.70 0.58 0.46 0.40 0.32 0.28 0.24 0.20 0.18 0.15 0.13 0.11 0.094 0.082 0.072 0.064 0.056 0.050 0.046 0.044 0.040 0.038 0.036 0.034 155 175 220 240 265 290 375 405 460 550 595 730 770 950 1060 1260 1410 1430 1700 1880 2010 2230 2460 2510 2770 3110 3050 3300 92 105 135 155 175 195 260 285 335 410 455 570 615 770 845 1030 1210 1250 1490 1690 1800 1990 2160 2220 2410 2530 2610 2730 .010 × 12.5 .010 × 12.5 .010 × 15.0 .010 × 15.0 12.5 × 15.0 12.5 × 15.0 12.5 × 15.0 16 × 15.0 16 × 15.0 18 × 15.0 16 × 20.0 16 × 20.0 16 × 25.0 18 × 20.0 18 × 25.0 18 × 31.5 18 × 35.5 0.14 0.12 0.10 0.090 0.080 0.070 0.060 0.055 0.046 0.041 0.037 0.033 0.030 0.027 0.025 0.023 0.022 0.28 0.24 0.20 0.18 0.16 0.14 0.12 0.11 0.092 0.082 0.074 0.066 0.060 0.054 0.050 0.046 0.044 635 670 730 825 920 985 1060 1270 1390 1560 1700 1800 2190 2090 2350 2720 2620 430 480 570 615 745 815 895 1090 1220 1400 1530 1620 1800 1880 2060 2240 2350 — 16 (1C) Case size φ D × L (mm) Impedance ( Ω) MAX. 20°C / 100kHz –10°C / 100kHz 105°C / 105°C / 120Hz Rated ripple (mArms) 6 Case size φ D × L (mm) Impedance ( Ω) MAX. 20°C / 100kHz –10°C / 100kHz 105°C / 105°C / 120Hz Rated ripple (mArms) 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 5 × 11 5 × 11 6.3 × 11 6.3 × 11 6.3 × 11 6.3 × 11 6.3 × 15 6.3 × 15 8 × 11.5 8 × 15 8 × 15 8 × 20 8 × 20 10 × 20 10 × 20 10 × 25 10 × 31.5 12.5 × 20 12.5 × 25 12.5 × 25 12.5 × 31.5 12.5 × 35.5 12.5 × 40 16 × 31.5 16 × 35.5 16 × 40 18 × 40 0.80 0.65 0.55 0.44 0.36 0.30 0.24 0.20 0.16 0.14 0.11 0.095 0.085 0.070 0.065 0.055 0.046 0.041 0.036 0.032 0.029 0.026 0.024 0.022 0.020 0.019 0.018 1.60 1.30 1.10 0.88 0.72 0.60 0.48 0.40 0.32 0.28 0.22 0.19 0.17 0.14 0.13 0.11 0.092 0.082 0.072 0.064 0.058 0.052 0.048 0.044 0.040 0.038 0.036 155 175 210 235 260 285 370 405 460 550 625 750 795 985 1060 1260 1420 1440 1700 1760 1980 2230 2460 2510 2770 3110 3300 88 100 125 140 160 180 245 275 320 390 455 560 610 770 810 990 1180 1210 1430 1550 1780 1960 2120 2220 2410 2530 2660 10 × 12.5 10 × 12.5 10 × 15 10 × 15 12.5 × 15 12.5 × 15 12.5 × 15 16 × 15 16 × 15 18 × 15 18 × 15 16 × 20 16 × 25 18 × 20 18 × 25 18 × 31.5 18 × 35.5 0.15 0.13 0.11 0.095 0.080 0.070 0.060 0.055 0.049 0.043 0.039 0.034 0.031 0.028 0.025 0.023 0.021 0.30 0.26 0.22 0.19 0.16 0.14 0.12 0.11 0.098 0.086 0.078 0.068 0.062 0.056 0.050 0.046 0.042 635 670 700 825 920 985 1060 1270 1340 1520 1600 1770 2190 2050 2350 2720 3050 395 435 525 575 720 785 860 1050 1130 1310 1400 1590 1780 1840 2060 2240 2420 — 25 (1E) Case size φ D × L (mm) Impedance ( Ω) MAX. 20°C / 100kHz –10°C / 100kHz 105°C / 105°C / 120Hz Rated ripple (mArms) 6 Case size φ D × L (mm) Impedance ( Ω) MAX. 20°C / 100kHz –10°C / 100kHz 105°C / 105°C / 120Hz Rated ripple (mArms) 10kHz~ 200kHz 10kHz~ 200kHz 10kHz~ 200kHz 10kHz~ 200kHz Cap.(µF) Size Code Size Code Item V(Code) V(Code) Code Code Cap.(µF) Item In case of low profile type, will be put at 12th digit of type numbering system. 6 CAT.8100V-1 |
Similar Part No. - UPM1E122MED |
|
Similar Description - UPM1E122MED |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |