Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UUR1A681MNL Datasheet(PDF) 2 Page - Nichicon corporation

Part # UUR1A681MNL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUR1A681MNL Datasheet(HTML) 2 Page - Nichicon corporation

  UUR1A681MNL Datasheet HTML 1Page - Nichicon corporation UUR1A681MNL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UR
series
Rated Ripple (mArms) at 85°C 120Hz
Dimensions
Frequency coefficient of rated ripple current
00 ~ 47V
100 ~ 1500
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.80
1.00
1.15
1.40
1.67
0.85
1.00
1.08
1.20
1.30
Cap.(µF)
Frequency
Size
φ6.3 × 5.8 is available for capacitors marked. " "
Size
φ6.3 × 7.7 is available for capacitors marked. " "
Size
φ8 × 10 is available for capacitors marked. " "
In this case, 6 will be put at 12th digit of type numbering system.
ALUMINUM ELECTROLYTIC CAPACITORS
3.3
4.7
10
22
33
47
100
150
220
330
470
680
1000
1500
3R3
4R7
100
220
330
470
101
151
221
331
471
681
102
152
6.3
× 5.8
6.3
× 7.7
8
× 10.
8
× 10.
10
× 10.
152
200
284
344
347
160 (143)
190 (188)
265
318
400 (372)
489
8
× 6.2
8
× 6.2
8
× 10.
8
× 10.
10
× 10.
10
× 10.
70
85
175 (173)
240
290
374
454
6.3
× 5.8
6.3
× 5.8
8
× 6.2
8
× 10.
8
× 10.
10
× 10.
10
× 10.
125
151
215 (162)
270
330 (307)
396
8
× 6.2
6.3
× 7.7
8
× 10.
8
× 10.
10
× 10.
10
× 10.
65
145 (143)
192
250 (232)
305 (284)
393
6.3
× 5.8
8
× 6.2
8
× 10.
10
× 10.
10
× 10.
10
× 10.
55
105 (94)
175 (132)
214
265 (246)
324
6.3
× 5.8
8
× 6.2
8
× 10.
8
× 10.
10
× 10.
10
× 10.
35
1V
50
1H
45
95 (94)
140 (105)
195 (181)
238
289
6.3
× 5.8
8
× 6.2
8
× 10.
10
× 10.
10
× 10.
10
× 10.
63
1J
31
46
96
117
140
232
6.3
× 5.8
8
× 6.2
8
× 10.
8
× 10.
8
× 10.
10
× 10.
29
40 (35)
77
100
130
155
6.3
× 5.8
8
× 6.2
8
× 10.
8
× 10.
10
× 10.
10
× 10.
100
2A
25
1E
16
1C
10
1A
6.3
0J
4
0G
Cap.( F)
V
Code
Case size
φD × L
(mm)
Rated
ripple
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please select UG(p.75) series if high CV products are
required.
Please refer to page 3 for the minimum order quantity.
CAT.8100V


Similar Part No. - UUR1A681MNL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUR1A101MCL1GS NICHICON-UUR1A101MCL1GS Datasheet
53Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUR1A101MCL1GS NICHICON-UUR1A101MCL1GS Datasheet
53Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUR1A101MNL1GS NICHICON-UUR1A101MNL1GS Datasheet
53Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UUR1A681MNL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com