Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N914 Datasheet(PDF) 1 Page - First Components International

Part # 1N914
Description  250 mW EPITAXIAL PLANAR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N914 Datasheet(HTML) 1 Page - First Components International

  1N914 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
n PLANAR PROCESS
n 250 mW POWER DISSIPATION
Mechanical Dimensions
n INDUSTRY STANDARD D0-35
PACKAGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Reverse Voltage...V
RM
RMS Reverse Voltage...V
R(rms)
1N914
Data Sheet
250 mW EPITAXIAL
PLANAR DIODES
Units
Volts
Volts
............................................. 100 ...............................................
............................................. 300 ...............................................
............................................. 250 ...............................................
......................................... -25 to 85 ..........................................
......................................... -55 to 125 ..........................................
............................................. 1.2 ...............................................
............................................. 0.1 ...............................................
............................................. 100 ...............................................
............................................. 3.5 ...............................................
............................................. 4.0 ...............................................
mAmps
mAmps
mW
°C
°C
Volts
µAmps
MHz
pF
ns
Page 8-2
Average Forward Rectified Current...I
O
Non-Repetitive Peak Forward Surge Current...I
FSM
Power Dissipation...P
D
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
@ I
F = 100 mA
Maximum DC Reverse Current...I
R
@ V
R = 70v
Maximum Frequency ...f
Maximum Diode Capacitance, V
R = 6V, f = 1MHz...CD
Maximum Reverse Recovery Time...t
RR
1N914
80
80
JEDEC
D0-35
Device Under T
Device Under T
Device Under T
Device Under T
Device Under Test
est
est
est
est
P
VV = 100nS
50 Ohms
5K Ohms
R
G = 50 Ohms
.01 uF
I
F
Output
Trr
I
R
0.1 I
R
Electrical Characteristics
.120
.200
1.00 Min.
.018
.022
.060
.090


Similar Part No. - 1N914

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
71Kb / 3P
   Small Signal Fast Switching Diodes
Rev. 1.8, 06-Dec-13
logo
NXP Semiconductors
1N914 PHILIPS-1N914 Datasheet
51Kb / 8P
   High-speed diode
1999 May 26
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
44Kb / 1P
   Small Signal Devices
logo
Microsemi Corporation
1N914 MICROSEMI-1N914 Datasheet
63Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
   FAST SWITCHING DIODES
More results

Similar Description - 1N914

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4148 FCI-1N4148_1 Datasheet
123Kb / 2P
   500 mW EPITAXIAL PLANAR DIODES
1N4151 FCI-1N4151 Datasheet
55Kb / 1P
   500 mW EPITAXIAL PLANAR DIODES
1N4448 FCI-1N4448 Datasheet
42Kb / 1P
   500 mW EPITAXIAL PLANAR DIODES
logo
List of Unclassifed Man...
FMBB4148 ETC-FMBB4148 Datasheet
73Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
logo
First Components Intern...
FMBBAS16 FCI-FMBBAS16 Datasheet
60Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
FBAV19 FCI-FBAV19 Datasheet
60Kb / 1P
   500 mW EPITAXIAL PLANAR DIODES
FMBBAV70 FCI-FMBBAV70 Datasheet
59Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
FMBBAV99 FCI-FMBBAV99 Datasheet
59Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
BAS16 FCI-BAS16 Datasheet
75Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
BAV70 FCI-BAV70 Datasheet
75Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com