Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4151 Datasheet(PDF) 1 Page - First Components International

Part # 1N4151
Description  500 mW EPITAXIAL PLANAR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N4151 Datasheet(HTML) 1 Page - First Components International

  1N4151 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
n PLANAR PROCESS
n 500 mW POWER DISSIPATION
Mechanical Dimensions
n INDUSTRY STANDARD DO-35
PACKAGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Reverse Voltage...V
RM
RMS Reverse Voltage...V
R(rms)
1N4151
Data Sheet
500 mW EPITAXIAL
PLANAR DIODES
Units
Volts
Volts
............................................. 215 ...............................................
............................................. 500 ...............................................
............................................. 500 ...............................................
......................................... -65 to 150 .........................................
............................................. 1.0 ...............................................
............................................. 50 ...............................................
............................................. 100 ...............................................
............................................. 2.0 ...............................................
............................................. 2.0 ...............................................
mAmps
mAmps
mW
°C
Volts
nAmps
MHz
pF
ns
Page 8-5
Average Forward Rectified Current...I
O
Non-Repetitive Peak Forward Surge Current...I
FSM
Power Dissipation...P
D
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
@ I
F = 50 mA
Maximum DC Reverse Current...I
R
@ V
R = 50v
Maximum Frequency...f
Maximum Diode Capacitance...C
D
Maximum Reverse Recovery Time...t
RR
IN4151
75
50
JEDEC
D0-35
P
VV = 100nS
50 Ohms
5K Ohms
R
G = 50 Ohms
.01 uF
I
F
Output
Trr
I
R
0.1 I
R
Device Under T
Device Under T
Device Under T
Device Under T
Device Under Test
est
est
est
est
Electrical Characteristics
.120
.200
1.00 Min.
.018
.022
.060
.090


Similar Part No. - 1N4151

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
1N4151 DSK-1N4151 Datasheet
309Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
National Semiconductor ...
1N4151 NSC-1N4151 Datasheet
138Kb / 1P
   Diode Data
logo
Micro Commercial Compon...
1N4151 MCC-1N4151 Datasheet
391Kb / 4P
   500mW Silicon Switching Diode
logo
Jinan Jing Heng Electro...
1N4151 JINGHENG-1N4151 Datasheet
65Kb / 3P
   Small Signal Switching Diodes
More results

Similar Description - 1N4151

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4148 FCI-1N4148_1 Datasheet
123Kb / 2P
   500 mW EPITAXIAL PLANAR DIODES
1N4448 FCI-1N4448 Datasheet
42Kb / 1P
   500 mW EPITAXIAL PLANAR DIODES
FBAV19 FCI-FBAV19 Datasheet
60Kb / 1P
   500 mW EPITAXIAL PLANAR DIODES
1N4148 FCI-1N4148 Datasheet
42Kb / 1P
   500 mW EPITAXIAL PLANAR DIODES
1N914 FCI-1N914 Datasheet
56Kb / 1P
   250 mW EPITAXIAL PLANAR DIODES
logo
List of Unclassifed Man...
FMBB4148 ETC-FMBB4148 Datasheet
73Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
logo
First Components Intern...
FMBBAS16 FCI-FMBBAS16 Datasheet
60Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
FMBBAV70 FCI-FMBBAV70 Datasheet
59Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
FMBBAV99 FCI-FMBBAV99 Datasheet
59Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
BAS16 FCI-BAS16 Datasheet
75Kb / 1P
   200 mW EPITAXIAL PLANAR DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com