Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7165-FNG-7 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7165-FNG-7
Description  600mA LOW DROPOUT REGULATOR WITH POK
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165-FNG-7 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7165-FNG-7 Datasheet HTML 3Page - Diodes Incorporated AP7165-FNG-7 Datasheet HTML 4Page - Diodes Incorporated AP7165-FNG-7 Datasheet HTML 5Page - Diodes Incorporated AP7165-FNG-7 Datasheet HTML 6Page - Diodes Incorporated AP7165-FNG-7 Datasheet HTML 7Page - Diodes Incorporated AP7165-FNG-7 Datasheet HTML 8Page - Diodes Incorporated AP7165-FNG-7 Datasheet HTML 9Page - Diodes Incorporated AP7165-FNG-7 Datasheet HTML 10Page - Diodes Incorporated AP7165-FNG-7 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
11 of 11
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) DFN3030-10
Bottom View
Side View
0.10 C
0.08 C
Seating Plane
C
2.9/3.1
2.3/2.5
0.50Typ.
0.2/0.3
(Pin #1 ID)
A
B
0.10
C AB
2X-
0.25 B
R0.3
00
0.375Typ.
TOP MARK
Note:
6. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES.
7. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agreeto hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as criticalcomponents in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - AP7165-FNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7165-FNG-7 DIODES-AP7165-FNG-7 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
More results

Similar Description - AP7165-FNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
logo
Texas Instruments
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI-SN105125 Datasheet
201Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com