Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JUCOE336MED Datasheet(PDF) 1 Page - Nichicon corporation

Part # JUCOE336MED
Description  ELECTRIC DOUBLE LAYER CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

JUCOE336MED Datasheet(HTML) 1 Page - Nichicon corporation

  JUCOE336MED Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item
Performance Characteristics
ELECTRIC DOUBLE LAYER CAPACITORS "EVerCAP "
Within ±30% of initial value
Capacitance change
UC
series
Radial Lead Type
Excellent in voltage holding property.
Suitable for quick charge and discharge.
Wide temperature range (25 ~ +70°C).
Adapted to the RoHS directive (2002/95/EC).
Drawing
Type numbering system (Example : 2.5V 1F)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
ESR, DCR
*
Endurance
Shelf Life
Marking
– 25 ~ +70°C
2.5V
0.47 ~ 47F
See Note
± 20% (20°C)
0.5C (mA) [ C : Rated Capacitance(F) ](After 30 minutes' application of rated voltage, 2.5V)
Printed with white color letter on black sleeve.
Capacitance (– 25°C) / Capacitance (+20°C)
×100 70%
Refer to the list below (20°C).
*DC internal resistance
After an application of DC voltage for 1000 hours at 70°C,
capacitors meet the characteristic requirements listed at right.
After storing the capacitors under no load at 70°C for 1000hours,
they will meet the characteristic requirements listed at right.
Specifications
fD
P
8
3.5
fd
0.6
6.3
2.5
0.5
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
J
1
U
2
C
3
0
4
E
5
1
6
0
7
5
8
M
9
P
10
D
11
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (1F)
Rated voltage (2.5V)
Series name
Type
(fD < 10) 1.0
(fD 10) 1.5
L+ MAX
15MIN
4MIN
fd
Pressure
relief vent
In case L>25 for the f12.5 dia unit,lead dia fd=0.8
Sleeve (P.E.T.)
f D
8, 10
Pb-free lead finishing
Pb-free PET sleeve
PD
6.3
ED
12.5 ~ 18
HD
Configuration
(mm)
Rated Voltage
( Code )
Rated
Capacitance
(F)
1.0
105
Code
8 ´ 11.5
0.47
474
6.3 ´ 11
2.2
225
8 ´ 20
3.3
335
2.5V
(0E)
10 ´ 20
4.7
475
12.5 ´ 20
10
106
12.5 ´ 31.5
10
106
10 ´ 40
22
226
16 ´ 31.5
33
336
18 ´ 31.5
47
476
2
ESR
(W)
(at 1kHz)
7
1
1
0.5
0.1
0.1
0.1
0.1
0.1
5
DCR
(W)
11
2
1.5
1
0.5
0.5
0.3
0.2
0.2
18 ´ 40
Case size
f D ´ L (mm)
Dimensions
Leakage current
Internal resistance (ESR)
Initial specified value or less
300% or less of initial specified value
Capacitance change
Leakage current
Internal resistance (ESR)
Within ±30% of initial value
Initial specified value or less
300% or less of initial specified value
Note :
To calculate capacitance, the capacitor must be charged at
the rated voltage of 2.5V for 30 minutes. Measure the time of
duration
∆T (sec.) it takes go from 2V to 1V when a constant
current discharge of i (A) = 0.01
× nominal capacitance is
carried out. It is then possible to calculate capacitance based
on the calculation provided below.
Capacitance (F) = I
× ∆T
• Please refer to page 21 for end seal configulation.
CAT.8100V


Similar Description - JUCOE336MED

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.7DMC4.7FMEFC10X23 RUBYCON-2.7DMC4.7FMEFC10X23 Datasheet
163Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB50M18X40 RUBYCON-2.5DMB50M18X40 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com