Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZD1E470MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UZD1E470MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UZD1E470MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UZD1E470MCL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
Z
2
D
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Capacitance tolerance (
±20%)
Rated Capacitance (10
µF)
Rated voltage (16V)
Series name
Type
Plastic platform
Series
Capacitance
Voltage (C : 16V)
Lot No.
Positive
Negative
0.3 MAX.
3.0
+0.2
–0.1
C
±0.2
0.5 ~ 0.8
ZD
series
3.0mmL Chip Type
Chip Type
Type numbering system (Example : 16V 10µF)
Specifications
ZD
ZR
Dimensions
2.2
3.3
4.7
5.6
6.8
10
22
33
47
100
2R2
3R3
4R7
5R6
6R8
100
220
330
470
101
420
528
533
6.3
56
528
537
6.3
45
6.3
70
533
6.3
41
523
6.3
37
47
411
416
518
520
6.3
27
4
0G
6.3
0J
10
1A
16
1C
25
1E
V
Code
Taping specifications are given in page 24.
Recommended land size are given in page 25.
Please contact us for the soldering by reflow.
Please refer to page 3 for the minimum order quantity.
φD
A
B
C
E
4
1.8
4.3
4.3
1.0
5
2.1
5.3
5.3
1.3
6.3
2.4
6.6
6.6
2.2
(mm)
Cap. (
µF)
Smaller
Stability at Low
Temperature
Resistance to
soldering heat
Z–40°C / Z+20°C
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Marking
Performance Characteristics
Item
– 40 ~ +85°C
4 ~ 25V
2.2 ~ 100µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (µA) , whichever is greater.
Rated voltage (V)
Rated voltage (V)
tan
δ (MAX.)
4
0.50
4
7
15
6.3
0.40
6.3
4
8
10
0.30
10
3
8
16
0.24
16
2
4
25
0.19
25
2
4
120Hz 20°C
120Hz
Impedance ratio
ZT / Z20 (MAX.)
Z–25°C / Z+20°C
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at
20°C, they will meet the specified value for endurance characteristics listed above.
The capacitors shall be kept on the hot plate maintained at 250°C for 30
seconds. After removing from the hot plate and restored at room temperature,
they meet the characteristic requirements listed at right.
Black print on the case top.
Shelf Life
Endurance
After 1000 hours' application of rated voltage at 85°C, capacitors
meet the characteristic requirements listed at right.
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±30% of initial value
300% or less of initial specified value
Initial specified value or less
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.70
1.00
1.17
1.36
1.50
Voltage
V
4
6.3
10
16
25
Code
g
j
A
C
E
Chip type with 3.0mmL height.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Rated
ripple
Case size
φ D (mm)
Rated Ripple (mArms) at 85°C 120Hz
CAT.8100V


Similar Part No. - UZD1E470MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UZD1C100MCL1GB NICHICON-UZD1C100MCL1GB Datasheet
37Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UZD1E470MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com