Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UUE1E331MRS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UUE1E331MRS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUE1E331MRS Datasheet(HTML) 1 Page - Nichicon corporation

  UUE1E331MRS Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item
Performance Characteristics
ALUMINUM ELECTROLYTIC CAPACITORS
UE
series
Chip Type , Vibration Resistance
Chip type with load life of 2000 ~ 5000 hours at 125°C.
Suited for automobile electronics where heavy duty
services are indispensable.
Adapted to the RoHS directive (2002/95/EC).
Dimensions
U
1
U
2
E
3
1
4
H
5
3
6
3
7
1
8
M
9
NM S
10
S
11
1
12
13 14
Configuration
Package code
Capacitance Tolerance (
±20%)
Rated Capacitance (330
µF)
Rated voltage (50V)
Series name
Type
φD
8 ~ 18
20
Code
NS
RS
Size code
Taping
Taping
φ8 10
φ12.5 ~ 20
GS
MS
Tray
φ12.5 ~ 20
ZD
(mm)
A
B
C
E
H
8
2.9
8.3
8.3
3.1
1.1
~1.5
10
3.2
10.3
10.3
4.5
1.1
~1.5
12.5
4.8
13.6
13.6
4.0
1.0
~1.4
16
5.4
17.1
17.1
6.3
1.0
~1.4
18
6.4
19.1
19.1
6.3
1.0
~1.4
20
6.2
21.1
21.1
8.8
1.3
~1.7
φ D
Endurance
tan
δ
Stability at Low Temperature
10
8644
After 5000 hours' (φ 8 φ 10 : 2000 hours ) application of rated voltage at
125°C, capacitors meet the characteristic requirements listed at right.
86433
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
φ 8 φ 10
φ 12.5 ~ φ 20
φ 8 φ 10
φ 12.5 ~ φ 20
Rated voltage (V)
– 55 ~ +125°C ( φ 12.5 ~ 20) – 40 ~ +125°C ( φ 8 , φ 10)
10 ~ 50V
33 ~ 4700µF
± 20% at 120Hz, 20°C
Rated voltage (V)
Impedance ratio
Z
40°C / Z+20°C
(MAX)
After storing the capacitors under no load at 125°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Black print on the case top.
After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
tan
δ
(MAX)
10
16
25
35
50
120Hz
0.26
0.20
0.16
0.14
0.14
20
°C
0.22
0.18
0.16
0.14
0.12
10
16
25
35
50
120Hz
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Shelf Life
Marking
Within ±30% of initial value
300% or less of initial specified value
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Specifications
Type numbering system (Example : 50V 330µF)
Chip Type
In this case, 6 will be put at 12th digit of type numbering system, " "
Rated Ripple (mArms) at 125°C 100kHz
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Cap.(µF)
33 ~ 330
φ 8 φ 10
φ D
100 ~ 680
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.47
0.67
0.78
0.91
1.00
0.53
0.67
0.82
0.89
1.00
1000 ~ 4700
φ 12.5 ~φ 20
0.74
0.87
0.96
0.98
1.00
Frequency
33
47
100
220
330
470
680
1000
2200
3300
4700
10
16
25
35
50
1A
1C
1E
1V
1H
330
470
101
221
331
471
681
102
222
332
472
8
× 10
10
× 10
12.5
× 13.5
12.5
× 16
12.5
× 16
18
× 16.5
16
× 21.5
18
× 16.5
18
× 21.5
8
× 10
10
× 10
12.5
× 13.5
12.5
× 13.5
16
× 16.5
18
× 16.5
18
× 16.5
8
× 10
10
× 10
12.5
× 13.5
16
× 16.5
18
× 16.5
16
× 21.5
18
× 21.5
8
× 10
10
× 10
12.5
× 13.5
16
× 16.5
16
× 16.5
18
× 16.5
20
× 21.5
8
× 10
10
× 10
12.5
× 13.5
16
× 16.5
16
× 16.5
18
× 16.5
140
190
750
900
900
1200
1200
1200
1550
140
190
750
750
1000
1200
1200
140
190
750
1000
1200
1200
1550
100
150
550
1000
1000
1200
1400
90
130
500
850
850
950
V
Cap.(
µF)
Code
Rated
ripple
Case size
φ D × L (mm)
UE
Vibration
Resistance
UB
UH
CAT.8100V-1


Similar Part No. - UUE1E331MRS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUE1H330MNS1GS NICHICON-UUE1H330MNS1GS Datasheet
45Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUE1H331MNS1MS NICHICON-UUE1H331MNS1MS Datasheet
52Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UUE1E331MRS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com