Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5928A Datasheet(PDF) 2 Page - First Components International

Part # 1N5928A
Description  1.5 Watt ZENER DIODES(3.3V to 200V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N5928A Datasheet(HTML) 2 Page - First Components International

  1N5928A Datasheet HTML 1Page - First Components International 1N5928A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
1N5913 . . . 5956, 1.5 Watt
ZENER DIODES (3.3V to 200V)
°C
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix ‘‘A’’. For 5% Tolerance,
Specify Suffix ‘‘B’’. (Example: 1N5917B = 4.7V +/- 5%)
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Nominal
Zener Voltage
V
Z (V)
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
I
ZM (mA)
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK = 0.25mA
(Ω)
Part #
Jedec Type #
I
R (µA)
V
R (V)
Max. DC
Zener Current
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.5V Max. @ IF = 200mA
°C
Electrical Characteristics @ 25OC.
1N5913A or B
1N5914A or B
1N5915A or B
1N5916A or B
1N5917A or B
1N5918A or B
1N5919A or B
1N5920A or B
1N5921A or B
1N5922A or B
1N5923A or B
1N5924A or B
1N5925A or B
1N5926A or B
1N5927A or B
1N5928A or B
1N5929A or B
1N5930A or B
1N5931A or B
1N5932A or B
1N5933A or B
1N5934A or B
1N5935A or B
1N5936A or B
1N5937A or B
1N5938A or B
1N5939A or B
1N5940A or B
1N5941A or B
1N5942A or B
1N5943A or B
1N5944A or B
1N5945A or B
1N5946A or B
1N5947A or B
1N5948A or B
1N5949A or B
1N5950A or B
1N5951A or B
1N5952A or B
1N5953A or B
1N5954A or B
1N5955A or B
1N5956A or B
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
113.6
104.2
96.1
87.2
79.8
73.5
66.9
60.5
55.1
50
45.7
41.2
37.5
34.1
31.2
28.8
25
23.4
20.8
18.7
17
15.6
13.9
12.5
11.4
10.4
9.6
8.7
8
7.3
6.7
6
5.5
5
4.6
4.1
3.7
3.4
3.1
2.9
2.5
2.3
2.1
1.9
10
9
7.5
6
5
4
2
2
2.5
3
3.5
4
4.5
5.5
6.5
7
9
10
12
14
17.5
19
23
26
33
38
45
53
67
70
86
100
120
140
160
200
250
300
380
450
600
700
900
1200
500
500
500
500
500
350
250
200
200
400
400
500
500
550
550
550
600
600
650
650
650
700
700
750
800
850
900
950
1000
1100
1300
1500
1700
2000
2500
3000
3100
4000
4500
5000
6000
6500
7000
8000
100
75
25
5
5
5
5
5
5
5
5
5
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.5
2
3
4
5.2
6
6.5
7
8
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56
62.2
69.2
76
83.6
91.2
98.8
114
121.6
136.8
152
454
416
384
348
319
294
267
241
220
200
182
164
150
136
125
115
100
93
83
75
68
62
55
50
45
41
38
34
31
29
26
24
22
20
18
16
15
13
12
11
10
9
8
7
Page 12-14


Similar Part No. - 1N5928A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5928A EIC-1N5928A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
SynSemi, Inc.
1N5928A SYNSEMI-1N5928A Datasheet
36Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1N5928A EIC-1N5928A Datasheet
95Kb / 2P
   SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
1N5928A LUGUANG-1N5928A Datasheet
288Kb / 3P
   POWER DISSIPATION: 1.5W
logo
Digitron Semiconductors
1N5928A DIGITRON-1N5928A Datasheet
122Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 1N5928A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZY47C3V3 FCI-BZY47C3V3 Datasheet
81Kb / 2P
   ZENER DIODES (3.3V to 200V)
BZY47C3V3 FCI-BZY47C3V3_1 Datasheet
163Kb / 2P
   2 Watt ZENER DIODES (3.3V to 200V) PRO ELECTRON REGISTRATION
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
First Components Intern...
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com