Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS1V222MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPS1V222MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPS1V222MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UPS1V222MHD Datasheet HTML 1Page - Nichicon corporation UPS1V222MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PS
series
Miniature Sized, Low Impedance,
For Switching Power Supplies
Wide temperature range type, miniature sized.
Adapted to the RoHS directive (2002/95/EC).
PS
PJ
Radial Lead Type
Specifications
Type numbering system (Example : 25V 470µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105˚C (6.3 ~ 100V), – 40 ~ +105˚C (160 ~ 400V), – 25 ~ +105˚C (450V)
6.3 ~ 450V
0.47 ~ 15000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours, and after performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage (V)
6.3 ~ 100
160 ~ 450
Leakage current
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA) , whichever is greater.
CV <
= 1000 : I= 0.1CV+40 (µA)max. (1 minute's)
CV > 1000 :
I= 0.04CV+100 (µA)max. (1 minute's)
Rated voltage (V)
tan
δ (MAX.)
6.3
0.24
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
100
0.08
160 ~ 250
0.15
315 · 350
0.20
400 · 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF
Measurement frequency : 120Hz,
Temperature : 20˚C
Measurement frequency : 120Hz
Z– 25˚C / Z+20˚C
Rated voltage (V)
Impedance ratio
(MAX.)
6.3 · 10
5
16 · 25
4
35 · 50
3
63 · 100
2
3
160 · 200
3
4
250
3
6
315 · 350
4
8
400
6
10
450
15
Z– 40˚C / Z+20˚C
Z– 55˚C / Z+20˚C
After an application of D.C. bias voltage plus the rated ripple
current for 3000 hours (2000 hours for D = 5 ~ 10) at 105˚C the
peak voltage shall not exceed the rated D.C. voltage, capacitors
meet the characteristic requirements listed at right.
Frequency coefficient of rated ripple current
V
6.3 ~ 100
160 ~ 450
Frequency
Cap.(µF)
.. ~ 47
100 ~ 220.
330 ~ 680.
.1000 ~ 15000
0.47 ~ 2200
330 ~ 470.
50Hz
0.30
0.57
0.75
0.80
0.90
120Hz
0.17
0.50
0.71
0.87
1.00
1.00
300Hz
0.40
0.65
0.82
0.96
1.25
1.10
1kHz
0.65
0.80
0.90
0.98
1.40
1.13
10kHz ~
1.00
1.00
1.00
1.00
1.60
1.15
U
1
P
2
S
3
1
4
E
5
4
6
7
7
1
8
M
9
P
10
D
11
12
Configuration
Size code
Series name
Type
Bd
Pressure
relief vent
BD
P
Bd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
20
22
10.0 10.0
1.0
1.0
25
12.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
15MIN
4MIN
(B6.3up)
L+ MAX.
(L < 20) 1.5
(L 20) 2.0
Capacitance tolerance (±20%)
Rated Capacitance (470µF)
Rated voltage (25V)
Sleeve (P.E.T.)
B D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8á 10
PD
12.5 ~ 18
HD
20 ~ 25
RD
Configuration
(mm)
Leakage current
tan
δ
Capacitance change
Initial specified value or less
200% or less of initial specified value
Within ±20% of initial value
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
• Please refer to page 21 about the end seal configulation.
(Through 100V only)
Dimension table in next pages.
Smaller


Similar Part No. - UPS1V222MHD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS1040E3 MICROSEMI-UPS1040E3 Datasheet
294Kb / 4P
   10 A LOW VF Schottky BARRIER RECTIFIER
UPS115U MICROSEMI-UPS115U Datasheet
63Kb / 4P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 15 VOLT
logo
Tycon Systems, Inc.
UPS12-50-XXX TYCONSYSTEMS-UPS12-50-XXX Datasheet
231Kb / 2P
   UPSPro® 120W & 600W Outdoor UPS System
UPS12-50L-500 TYCONSYSTEMS-UPS12-50L-500 Datasheet
281Kb / 2P
   500W Lithium UPS Systems
logo
Micro Commercial Compon...
UPS120 MCC-UPS120 Datasheet
98Kb / 3P
   1 Amp Schottky Rectifier 20 to 40 Volts
More results

Similar Description - UPS1V222MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com