Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5363B Datasheet(PDF) 3 Page - First Components International

Part # 1N5363B
Description  5 Watt ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N5363B Datasheet(HTML) 3 Page - First Components International

  1N5363B Datasheet HTML 1Page - First Components International 1N5363B Datasheet HTML 2Page - First Components International 1N5363B Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Data Sheet
Nominal Zener
Voltage (2),
V
Z (V)
Test
Current
I
ZT (mA)
Max. Zener Impedance (2)
Max. Reverse
Leakage Current @
V
R
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK = 1.0mA
(Ω)
Part #
Jedec Type #
(1)
I
R (µA)
V
R (V)
Electrical Characteristics @ 25OC.
1N5368B
1N5369B
1N5370B
1N5371B
1N5372B
1N5373B
1N5374B
1N5375B
1N5376B
1N5377B
1N5378B
1N5379B
1N5380B
1N5381B
1N5382B
1N5383B
1N5384B
1N5385B
1N5386B
1N5387B
1N5388B
47
51
56
60
62
68
75
82
87
91
100
110
120
130
140
150
160
170
180
190
200
25
25
20
20
20
20
20
15
15
15
12
12
10
10
8.0
8.0
8.0
8.0
5.0
5.0
5.0
25
27
35
40
42
44
45
65
75
75
90
125
170
190
230
330
350
380
430
450
480
210
230
280
350
400
500
620
720
760
760
800
1000
1150
1250
1500
1500
1650
1750
1750
1850
1850
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
35.8
38.8
42.6
42.5
47.1
51.7
56
62.2
66
69.2
76
83.6
91.2
98.8
106
114
122
129
137
144
152
2.7
2.5
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.2
1.1
1.1
1.0
1.0
0.9
0.9
Max. Surge
Current (3)
I
r (A)
NOTES: 1. The JEDEC part numbers shown indicate a 5% tolerance.
2. I
Z is applied for 40 + 10ms prior to reading. Mounting contacts are
located .375” to .500” from the inside edge of mounting clips to the
diode body. T
A = 25
o
C, +8, -2oC.
1N5333...5388Series5Watt
ZENER DIODES (3.3V to 200V)
Page 12-19


Similar Part No. - 1N5363B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5363B MOTOROLA-1N5363B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5363B MICROSEMI-1N5363B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Semikron International
1N5363B SEMIKRON-1N5363B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Shenzhen Luguang Electr...
1N5363B LUGUANG-1N5363B Datasheet
2Mb / 5P
   Zener Diodes
logo
Pan Jit International I...
1N5363B PANJIT-1N5363B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5363B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com