Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVP1C102MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UVP1C102MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVP1C102MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UVP1C102MPD Datasheet HTML 1Page - Nichicon corporation UVP1C102MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD
P
Bd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
(L < 20) 1.5
(L >= 20) 2.0
(mm)
(B6.3up)
15MIN
4MIN
Sleeve (P.E.T.)
Pressure
relief vent
Bd
L+ MAX
ALUMINUM ELECTROLYTIC CAPACITORS
VP
series
Bi-Polarized
Standard bi-polarized series for entertainment electronics.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 10V 47µF)
U
1
V
2
P
3
1
4
A
5
4
6
7
7
0
8
M
9
D
10
D
11
Configuration
Capacitance tolerance (± 20%)
Rated Capacitance (47µF)
Rated voltage (10V)
Series name
Type
B D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8á 10
PD
12.5 ~ 18
HD
Configuration
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
6.3 ~ 100V
0.47 ~ 6800µF
± 20% at 120Hz, 20°C
After 5 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3 (µA), whichever is greater.
Printed with white color letter on black sleeve.
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 2000 hours' application of rated voltage
at 85°C with the polarity inverted every 250
hours,capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage (V)
tan
δ (MAX.)
6.3
0.26
10
0.24
16
0.22
25
0.20
35
0.16
50
0.14
63
0.12
100
0.10
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
10
3
8
16
2
6
25
2
5
35
2
4
50
2
4
63
2
3
100
2
3
VP
6.3
4
10
Capacitance change
Leakage current
tan
δ
Within ± 20% of initial value
200% or less of initial specified value
Initial specified value or less
High
Te m p e rature
ET
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
• Please refer to page 21 about the end seal configulation.
CAT.8100V


Similar Part No. - UVP1C102MPD

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-1257AA UOT-UVP-1257AA Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1357AA UOT-UVP-1357AA Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457A UOT-UVP-1457A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457AC UOT-UVP-1457AC Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457AE UOT-UVP-1457AE Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
More results

Similar Description - UVP1C102MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com