Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE-440 Datasheet(PDF) 4 Page - First Components International

Part # 1.5KE-440
Description  6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1.5KE-440 Datasheet(HTML) 4 Page - First Components International

  1.5KE-440 Datasheet HTML 1Page - First Components International 1.5KE-440 Datasheet HTML 2Page - First Components International 1.5KE-440 Datasheet HTML 3Page - First Components International 1.5KE-440 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
6.8V to 400V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Page 11-17
DEVICE
Maximum
Temperature
Coefficient
of V
BR
% / °°°°°C
Min.
Max.
V
BR
Volts (Note 1)
Breakdown
Voltage
1.5KE-51
1.5KE-51A
1.5KE-56
1.5KE-56A
1.5KE-62
1.5KE-62A
1.5KE-68
1.5KE-68A
1.5KE-75
1.5KE-75A
1.5KE-82
1.5KE-82A
1.5KE-91
1.5KE-91A
1.5KE-100
1.5KE-100A
1.5KE-110
1.5KE-110A
1.5KE-120
1.5KE-120A
1.5KE-130
1.5KE-130A
1.5KE-150
1.5KE-150A
1.5KE-160
1.5KE-160A
1.5KE-170
1.5KE-170A
1.5KE-180
1.5KE-180A
1.5KE-200
1.5KE-200A
1.5KE-220
1.5KE-220A
1.5KE-250
1.5KE-250A
1.5KE-300
1.5KE-300A
1.5KE-350
1.5KE-350A
1.5KE-400
1.5KE-400A
1.5KE-440
1.5KE-440A
45.90
48.50
50.40
53.20
55.80
58.90
61.20
64.60
67.50
71.30
73.80
77.90
81.90
86.50
90.00
95.00
99.00
105.00
108.00
114.00
117.00
124.00
135.00
143.00
144.00
152.00
153.00
162.00
162.00
171.00
180.00
190.00
198.00
209.00
225.00
237.00
270.00
285.00
315.00
332.00
360.00
380.00
396.00
418.00
56.10
53.60
61.60
58.80
68.20
65.10
74.80
71.40
82.50
78.80
90.20
86.10
100.00
95.50
110.00
105.00
121.00
116.00
132.00
126.00
143.00
137.00
165.00
158.00
176.00
168.00
187.00
179.00
198.00
189.00
220.00
210.00
242.00
231.00
275.00
263.00
330.00
315.00
385.00
368.00
440.00
420.00
484.00
462.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
20.40
21.40
18.60
19.50
16.90
17.70
15.30
16.30
13.90
14.60
12.70
13.30
11.40
12.00
10.40
11.00
9.50
9.90
8.70
9.10
8.00
8.40
7.00
7.20
6.50
6.80
6.20
6.40
5.80
6.10
5.20
5.50
4.30
4.60
5.00
5.00
5.00
5.00
4.00
4.00
4.00
4.00
2.30
2.30
73.50
70.10
80.50
77.00
89.00
85.00
98.00
92.00
108.00
103.00
118.00
113.00
131.80
125.00
144.00
137.00
158.00
152.00
173.00
165.00
187.00
179.00
215.00
207.00
230.00
219.00
244.00
234.00
258.00
246.00
287.00
274.00
344.00
328.00
360.00
344.00
430.00
414.00
504.00
482.00
574.00
548.00
630.00
600.00
0.102
0.102
0.103
0.103
0.104
0.104
0.104
0.105
0.105
0.105
0.105
0.105
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.113
0.113
41.30
43.60
45.40
47.80
50.20
53.00
55.10
58.10
60.70
64.10
66.40
70.10
73.70
77.80
81.00
85.50
89.20
94.00
97.20
102.00
105.00
111.00
121.00
128.00
130.00
136.00
138.00
145.00
146.00
154.00
162.00
171.10
175.00
185.00
202.00
214.00
243.00
256.00
284.00
300.00
324.00
342.00
356.00
376.00
Maximum
Clamping
Voltage
@ I
PPM
V
C (V)
Peak
Pulse
Current
I
PPM (A)
(Note 2)
Maximum
Reverse
Leakage
@ V
RWM
I
R (µA)
Working
Peak
Reverse
Voltage
V
RWM (V)
@ I
T
(mA)


Similar Part No. - 1.5KE-440

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1.5KE-440 FCI-1.5KE-440 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE-440A FCI-1.5KE-440A Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE-440

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
P4KE FCI-P4KE Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Rectron Semiconductor
T6ARS3505M RECTRON-T6ARS3505M_10 Datasheet
286Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com