Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRU659 Datasheet(PDF) 2 Page - TEMEX

Part # FRU659
Description  SAW Resonator - Remote Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

FRU659 Datasheet(HTML) 2 Page - TEMEX

  FRU659 Datasheet HTML 1Page - TEMEX FRU659 Datasheet HTML 2Page - TEMEX FRU659 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FR U659
SAW Resonator – Remote Control
Specification (Rev-1)
December 17
th, 2004
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Operating temperature range : [-10°C; +60°C]
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Center Frequency (fc)
MHz
344.930
345.000
345.070
Insertion Loss (IL)
dB
-
1.4
2
Quality Factor
Unloaded Q (Qu)
-
12.080
-
50
Ω Loaded Q (Ql)
dB
-
1.800
-
Temperature Stability
Turnover Temperature (T0)
°c
25
-
55
Turnover Frequency (fo)
kHz
-
fc
2.5
Frequency Temperature Coefficient (FTC)
ppm/°c
2
-
0.032
-
Frequency Aging Absolute Value during the First
Year |fA|
ppm/yr
-
< 10
DC Insulation Resistance Between any Two Pins
M
1.0
-
-
RF Equivalent RLC Model
Motional Resistance (RM)
-
17.5
26
Motional Inductance (LM)
µH
-
97.6184
-
Motional Capacitance (CM)
FF
2.1823
-
Pin 1 to Pin 2 Static Capacitance (CO)
pF
2.3
2.6
2.9
Pin Out
Input
1
Output
2
Ground
3
Maximum Ratings:
(1)
CW RF Power Dissipation 0 dBm
(2)
DC Voltage Between Any two Pins ±30 V
(3)
Storage Temperature Range [40°c; +85°]
EQUIVALENT RLC MODEL


Similar Part No. - FRU659

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRU600-30 DBLECTRO-FRU600-30 Datasheet
113Kb / 3P
   Radial Leaded PTC FRU Series
logo
RFE international
FRU600-30F RFE-FRU600-30F Datasheet
161Kb / 2P
   Radial Leaded PPTC FRU Series
logo
Fuzetec Technology Co.,...
FRU600-30F FUZETEC-FRU600-30F Datasheet
139Kb / 3P
   Radial Leaded PTC Resettable Fuse: FRU Series
logo
RFE international
FRU600-30F RFE-FRU600-30F Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
More results

Similar Description - FRU659

ManufacturerPart #DatasheetDescription
logo
TEMEX
FRW339 TEMEX-FRW339 Datasheet
281Kb / 5P
   SAW Resonator - Remote Control
FRW342 TEMEX-FRW342 Datasheet
276Kb / 5P
   SAW Resonator - Remote Control
FRW338 TEMEX-FRW338 Datasheet
290Kb / 5P
   SAW Resonator - Remote Control
FUW326 TEMEX-FUW326 Datasheet
294Kb / 3P
   SAW Resonator - Remote Control
FRW337 TEMEX-FRW337 Datasheet
273Kb / 5P
   SAW Resonator - Remote Control
FRW336 TEMEX-FRW336 Datasheet
299Kb / 5P
   SAW Resonator - Remote Control
FRW341 TEMEX-FRW341 Datasheet
269Kb / 5P
   SAW Resonator - Remote Control
logo
Transko Electronics, In...
TR315AP_REV1 TRANSKO-TR315AP_REV1 Datasheet
332Kb / 3P
   Remote Control, 1-Port SAW Resonator
Revision 1: December 2009
TR315BK TRANSKO-TR315BK Datasheet
348Kb / 3P
   Remote Control, 1-Port SAW Resonator
Revision0: March 2005
TR-031501-SF0 TRANSKO-TR-031501-SF0 Datasheet
320Kb / 2P
   Remote Control, 1-Port SAW Resonator
Revision 0: February 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com