Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2PCIE2422 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2422
Description  PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2422 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI2PCIE2422 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PS8871C
10/03/07
PI2PCIE2422
PCI Express Gen II Compliant, 8-Differential
Channel Switch with 8:4 Mux/DeMux Option
Ordering Information
Ordering Code
Package Code
Package Description
PI2PCIE2422ZHE
ZH
Pb-free and Green 42-contact TQFN
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. E = Lead-free and green
2. X suffix = tape and reel
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
DESCRIPTION: 42-contact Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZH (ZH42)
DOCUMENT CONTROL #: PD-2035
REVISION: A
DATE: 03/10/06
07-0222


Similar Part No. - PI2PCIE2422

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2PCIE2412ZHE PERICOM-PI2PCIE2412ZHE Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
   PCI Express 2.0, 2-lane Exchange Switch
PI2PCIE2442ZHEX PERICOM-PI2PCIE2442ZHEX Datasheet
950Kb / 8P
   PCI Express 2.0, 2-lane Exchange Switch
More results

Similar Description - PI2PCIE2422

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
   3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
   3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
   PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com