Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM8128VL-12 Datasheet(PDF) 4 Page - MOSAIC

Part # MSM8128VL-12
Description  128K x 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

MSM8128VL-12 Datasheet(HTML) 4 Page - MOSAIC

  MSM8128VL-12 Datasheet HTML 1Page - MOSAIC MSM8128VL-12 Datasheet HTML 2Page - MOSAIC MSM8128VL-12 Datasheet HTML 3Page - MOSAIC MSM8128VL-12 Datasheet HTML 4Page - MOSAIC MSM8128VL-12 Datasheet HTML 5Page - MOSAIC MSM8128VL-12 Datasheet HTML 6Page - MOSAIC MSM8128VL-12 Datasheet HTML 7Page - MOSAIC MSM8128VL-12 Datasheet HTML 8Page - MOSAIC MSM8128VL-12 Datasheet HTML 9Page - MOSAIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MSM8128 - 70/85/10/12
Issue 4.5 : April 2001
"
AC OPERATING CONDITIONS
Read Cycle
70
85
10
12
Parameter
Symbol
min
max
min
max
min
max
min
max
Unit
Read Cycle Time
t
RC
70
-
85
-
100
-
120
-
ns
Address Access Time
t
AA
-
70
-
85
-
100
-
120
ns
Chip Select (CS1) Access Time(2)
t
ACS1
-
70
-
85
-
100
-
120
ns
Chip Select (CS2) Access Time(2)
t
ACS2
-
70
-
85
-
100
-
120
ns
Output Enable to Output Valid
t
OE
-35
-
45
-50
-
60
ns
Output Hold from Address Change
t
OH
5-
5-
10
-
10
-
ns
Chip Selection (CS1) to Output in Low Z
t
CLZ1
10
-
10
-
10
-
10
-
ns
Chip Selection (CS2) to Output in Low Z
t
CLZ2
10
-
10
-
10
-
10
-
ns
Output Enable to Output in Low Z
t
OLZ
5-
5-
5-
5-
ns
Chip Disable (CS1) to Output in High Z(3)
t
CHZ1
035035
035045
ns
Chip Disable (CS2) to Output in High Z(3)
t
CHZ2
035035
035045
ns
Output Disable to Output in High Z(3)
t
OHZ
030030
035045
ns
Write Cycle
70
85
10
12
Parameter
Symbol
min
max
min
max
min
max
min
max
Unit
Write Cycle Time
t
WC
70
-
85
-
100
-
120
-
ns
Chip Selection to End of Write
t
CW
60
-
75
-
85
-
100
-
ns
Address Valid to End of Write
t
AW
60
-
75
-
85
-
100
-
ns
Address Setup Time
t
AS
0-
0-
0-
0-
ns
Write Pulse Width
t
WP
50
-
60
-
70
-
70
-
ns
Write Recovery Time (WE, CS1)
t
WR1
5-
5-
5-
5-
ns
(CS2)
t
WR2
5-
5-
5-
5-
ns
Write to Output in High Z
t
WHZ
030030
035040
ns
Data to Write Time Overlap
t
DW
30
-
35
-
40
-
45
-
ns
Data Hold from Write Time
t
DH
0-
0-
0-
0-
ns
Output Active from End of Write
t
OW
5-
5-
5-
5-
ns


Similar Part No. - MSM8128VL-12

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM81C55-5GS OKI-MSM81C55-5GS Datasheet
156Kb / 19P
   2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
MSM81C55-5JS OKI-MSM81C55-5JS Datasheet
156Kb / 19P
   2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
MSM81C55-5RS OKI-MSM81C55-5RS Datasheet
156Kb / 19P
   2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
More results

Similar Description - MSM8128VL-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
AMIC Technology
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
AMIC Technology
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
   128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com