Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH-54AC Datasheet(PDF) 6 Page - STMicroelectronics

Part # RH-54AC
Description  Advanced Rad-Hardened high speed CMOS 5V logic series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RH-54AC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RH-54AC Datasheet HTML 2Page - STMicroelectronics RH-54AC Datasheet HTML 3Page - STMicroelectronics RH-54AC Datasheet HTML 4Page - STMicroelectronics RH-54AC Datasheet HTML 5Page - STMicroelectronics RH-54AC Datasheet HTML 6Page - STMicroelectronics RH-54AC Datasheet HTML 7Page - STMicroelectronics RH-54AC Datasheet HTML 8Page - STMicroelectronics RH-54AC Datasheet HTML 9Page - STMicroelectronics RH-54AC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Package mechanical data
RH-54AC/ACT series
6/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
6.75
6.91
7.06
0.266
0.272
0.278
B
9.76
9.95
10.14
0.384
0.392
0.399
C
1.49
1.95
0.059
0.077
D
0.10
0.127
0.15
0.004
0.005
0.006
E
7.50
7.62
7.75
0.295
0.300
0.305
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
6.0
0.236
L
18.75
22.0
0.738
0.866
M
0.38
0.015
N
4.31
0.170
FPC-14 MECHANICAL DATA
016029E
1
7
8
14
F
G
D
H
A
B
M
N
H
C
L
E


Similar Part No. - RH-54AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RH-50E ETC-RH-50E Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
RH-50E4 ETC-RH-50E4 Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
RH-50M ETC-RH-50M Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
RH-50ML ETC-RH-50ML Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
RH-5E ETC-RH-5E Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
More results

Similar Description - RH-54AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com