Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR301-5USL Datasheet(PDF) 2 Page - NEC

Part # MR301-5USL
Description  The MR301 series, which has a low profile package and light weight,
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MR301-5USL Datasheet(HTML) 2 Page - NEC

  MR301-5USL Datasheet HTML 1Page - NEC MR301-5USL Datasheet HTML 2Page - NEC MR301-5USL Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
©
1998
Document No. ER0046EJAV3SG00 (WWW-MR301)
MR301 Series
Types (Contact Rating)
MR301
MR301-H
Items
(5A)
(10A)
Contact Form
1 Form c
Maximum Switching Power (Resistive Load)
150 W, 600 VA
300 W, 1200 VA
Contact Ratings
Maximum Switching Voltage (Resistive Load)
250 Vac, 30 Vdc
Maximum Switching Current (Resistive Load)
5 A
10 A
Minimum Switching Voltage and Current
5 Vdc, 0.1 A
5 Vdc, 1 A
Initial Contact Resistance
8.8 m
Ω typ. (measured by voltage drop at 5 Vdc, 0.5A) 8.8 mΩ typ. (measured by voltage drop at 5 Vdc, 2A)
Contact Material
Silver nickel alloy
Silver oxide complex alloy
Operate Time (Excluding bounce)
Approx. 5 ms (at nominal voltage)
Release Time (Excluding bounce)
Approx. 2 ms (at nominal voltage) without diode
Nominal Operate Power
360 mW
Insulation Resistance
1000 M
Ω at 500 Vdc
Between open contacts
750 Vac (for one minute)
Breakdown Voltage
Between contacts and coil
1500Vac (for one minute)
Between open contacts
Approx. 1 pF
Electrostatic Capacitance
Between contacts and coil
Approx. 10 pF
Shock Resistance
98 m/s2 (10G) (misoperating), 980 m/s2 (100G) (destructive failure)
Vibration Resistance
10 to 300 Hz, 43 m/s2 (4.4G)(misoperating),
10 to 500 Hz, 43 m/s2 (4.4G), 200 hours destructive failure)
Ambient Temperature
–40 to +85
°C (–40 to +185 °F)
Coil Temperature Rise
50
°C / W (122 °F/W)
Non load
10
× 106 operations
Running Specifications
Load
100
× 103 operations
Weight
Approx. 13g(0.46 oz)
s SPECIFICATIONS
at 20
°C
s COIL RATING
at 20
°C
Nominal
Coil Resistance
Must Operate Voltage*
Must Release Voltage*
Voltage
(
Ω) ± 10 %
( Vdc)
(Vdc)
3
25
2.1
0.3
5
70
3.5
0.5
Vdc
6
100
4.2
0.6
9
225
6.3
0.9
12
400
8.4
1.2
24
1600
16.8
2.4
* Test by pulse voltage


Similar Part No. - MR301-5USL

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR3010 MECHATRONICS-MR3010 Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
MR3010E MECHATRONICS-MR3010E Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
MR3010H MECHATRONICS-MR3010H Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
MR3010L MECHATRONICS-MR3010L Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
MR3010M MECHATRONICS-MR3010M Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
More results

Similar Description - MR301-5USL

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD17HS JIANGHAI-CD17HS Datasheet
587Kb / 2P
   Copampact and light weight
logo
jb Capacitors Company
JSU JBCAPACITORS-JSU Datasheet
328Kb / 1P
   Compact and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com