Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1885-Z Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH1885-Z
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1885-Z Datasheet(HTML) 7 Page - Diodes Incorporated

  AH1885-Z Datasheet HTML 1Page - Diodes Incorporated AH1885-Z Datasheet HTML 2Page - Diodes Incorporated AH1885-Z Datasheet HTML 3Page - Diodes Incorporated AH1885-Z Datasheet HTML 4Page - Diodes Incorporated AH1885-Z Datasheet HTML 5Page - Diodes Incorporated AH1885-Z Datasheet HTML 6Page - Diodes Incorporated AH1885-Z Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AH1885
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1885 Rev. 1
7 of 7
SEPTEMBER 2007
www.diodes.com
© Diodes Incorporated
Package Information
(unit: mm)
(1) Package Type: SOT553
1.0Typ.
0.2(5x)
0.10 M C A-B D
B
C
L
CL
D
0.10/0.18
1.50/1.70
0.30 C D
A
6°~8°
6°~
Bottom View
Top View
Top Package
Btm Package
Hall Sensor
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agreeto hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as criticalcomponents in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - AH1885-Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1885-ZG-7 DIODES-AH1885-ZG-7 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
More results

Similar Description - AH1885-Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
logo
Major-Power Technology ...
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
MA7006 MPOWER-MA7006 Datasheet
125Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.5
logo
Diodes Incorporated
AH1883 DIODES-AH1883_11 Datasheet
228Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
logo
Advanced Power Electron...
APE9105 A-POWER-APE9105 Datasheet
115Kb / 6P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
logo
Major-Power Technology ...
MA7005 MPOWER-MA7005 Datasheet
125Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
MA7001E MPOWER-MA7001E Datasheet
117Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.1
MA7003 MPOWER-MA7003 Datasheet
119Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.5
MA7007 MPOWER-MA7007 Datasheet
128Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.3
logo
Diodes Incorporated
AH1883 DIODES-AH1883 Datasheet
96Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com