Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR301-5HUL Datasheet(PDF) 1 Page - NEC

Part # MR301-5HUL
Description  The MR301 series, which has a low profile package and light weight,
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MR301-5HUL Datasheet(HTML) 1 Page - NEC

  MR301-5HUL Datasheet HTML 1Page - NEC MR301-5HUL Datasheet HTML 2Page - NEC MR301-5HUL Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
©
1998
Document No. ER0046EJAV3SG00 (WWW-MR301)
MR301 Series
The MR301 series, which has a low profile package and
light weight, is suited for various kinds of consumer
equipments, industrial machines and automobiles.
s DIMENSIONS mm(inch)
s FEATURES
• Low profile, light weight.
• Two types of contact
(General type: 5A switching, High power type; 10A
switching)
• Fluxtight or washable package is available.
• UL recognized (E 73266), CSA certified (LR46266)
s RECOMMENDED PCB PAD LAYOUT and
SCHEMATICS mm (inch)
12.2
2.3
2
22.5MAX.
(0.89)
16.5MAX.
(0.65)
12
Tolerance
±0.2 mm (0.008)
(0.47)
(0.09)
(0.08)
(0.48)
2
(0.08)
s SAFETY STANDARD AND RATING
ULRecognized (UL508)*
File No. E73266
MR301-**HU
1/2HP 240VAC
1/4HP 125VAC
30VDC, 7 A (Resistive)
60VDC, 1.0 A (Resistive)
277VDC, 5 A (Resistive)
120VDC, 10 A (Resistive)
360 W, 120VAC Tungsten
120VAC, 2 A Ballast
TV-2, 120VAC
CSA Certificated
(CSA C22.2 No.14)
File No. LR46266
MR301-**HU
1/2HP 240VAC
1/4HP 125VAC
30VDC, 7 A (Resistive)
60VDC, 1.0 A (Resistive)
277VDC, 5 A (Resistive)
120VDC, 10 A (Resistive)
360 W, 120VAC Tungsten
120VAC, 2 A Ballast
MR301-**U
1/4HP 240VAC
1/8HP 125VAC
30VDC, 5 A (Resistive)
277VDC, 2.5 A (Resistive)
120VDC, 5 A (Resistive)
130 W, 120VAC Tungsten
120VAC, 2 A Ballast
* Spacing : UL114, UL478
Weight Approx. 13 g
Not energized position
3— 1.6
2— 1.8(0.071 DIA)
12.2
(0.48)
(0.08)
(BOTTOM VIEW)
2
(0.46 oz)
Schematic
(0.063 DIA)
φ
φ
s PART NUMBER SYSTEM
MR301-3HUSL
Nil
S
: Fluxtight
: Washtight
Nil
L
: 0.3 mm Standoff
: 0.8 mm Standoff
Nil
U
: Standard type
: UL recognized,
CSA certified type
Nil
H
: General type (5A)
: High power type (10A)
Nominal
coil voltage
3, 5, 6, 9, 12, 24 Vdc


Similar Part No. - MR301-5HUL

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR3010 MECHATRONICS-MR3010 Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
MR3010E MECHATRONICS-MR3010E Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
MR3010H MECHATRONICS-MR3010H Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
MR3010L MECHATRONICS-MR3010L Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
MR3010M MECHATRONICS-MR3010M Datasheet
482Kb / 1P
   UL94V-0 plastic impeller and frame
More results

Similar Description - MR301-5HUL

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD17HS JIANGHAI-CD17HS Datasheet
587Kb / 2P
   Copampact and light weight
logo
jb Capacitors Company
JSU JBCAPACITORS-JSU Datasheet
328Kb / 1P
   Compact and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com