Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65167A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65167A
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65167A Datasheet HTML 5Page - Texas Instruments TPS65167A Datasheet HTML 6Page - Texas Instruments TPS65167A Datasheet HTML 7Page - Texas Instruments TPS65167A Datasheet HTML 8Page - Texas Instruments TPS65167A Datasheet HTML 9Page - Texas Instruments TPS65167A Datasheet HTML 10Page - Texas Instruments TPS65167A Datasheet HTML 11Page - Texas Instruments TPS65167A Datasheet HTML 12Page - Texas Instruments TPS65167A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
www.ti.com
V =12V,
V
=15V,
I
=500mA
I
O
O
InputCurrent
VIN
Vout
Vsw
I
-OutputCurrent-mA
O
40
50
60
70
80
90
100
0
500
1000
1500
2000
V =12V,
V
=15V
I
O
V =12V,
V
=15V/50mA
I
O
InductorCurrent
Vout
Vsw
Vsw
Vout
InductorCurrent
V =12V,
V
=15V/1A
I
O
TPS65167
TPS65167A
SLVS760B – APRIL 2007 – REVISED OCTOBER 2007
EFFICIENCY BOOST CONVERTER (Vs)
SOFTSTART BOOST CONVERTER (Vs)
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
PWM OPERATION AT NOMINAL LOAD CURRENT
PWM OPERATION AT LIGHT LOAD CURRENT
Figure 3.
Figure 4.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65167 TPS65167A


Similar Part No. - TPS65167A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167RHAR TI-TPS65167RHAR Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167RHARG4 TI-TPS65167RHARG4 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167RHAT TI-TPS65167RHAT Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167RHATG4 TI-TPS65167RHATG4 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
More results

Similar Description - TPS65167A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com