Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-3610G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-3610G
Description  1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-3610G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-3610G Datasheet HTML 1Page - Optoway Technology Inc SPB-3610G Datasheet HTML 2Page - Optoway Technology Inc SPB-3610G Datasheet HTML 3Page - Optoway Technology Inc SPB-3610G Datasheet HTML 4Page - Optoway Technology Inc SPB-3610G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPB-3610G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2006
V3.0
1
SPB-3610G / SPB-3610BG / SPB-3610AG
(RoHS Compliant)
SPB-3610LG / SPB-3610BLG / SPB-3610ALG
1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Compliant with IEEE 802.3ah-2004 100BASE-BX10
l Simplex SC Connector: SPB-3610G
l Simplex LC Connector: SPB-3610LG
l 1310 nm LD Transmitter
l 1550 nm Receiver
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPB-3610G
l -10 to 85oC Operating : SPB-3610BG
l -40 to 85oC Operating : SPB-3610AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Fast Ethernet Links
l SONET/SDH Equipment Interconnect
l Fiber Channel Links
DESCRIPTION
The SPB-3610G series is small form factor pluggable
module
for
IEEE
802.3ah
100BASE-BX10
and
OC-3/STM-1 SONET/SDH single fiber communications by
using 1310 nm transmitter and 1550 nm receiver. It is with
the SFP 20-pin connector to allow hot plug capability. The
transmitter section uses a multiple quantum well 1310 nm
laser
and is a class 1 laser compliant according to
International Safety Standard IEC 60825. The receiver
section uses an integrated 1550 nm detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-3610G
125/155
10
1310
1550
SC SFP
0 to 70
-8 to -14
-30
Yes
SPB-3610BG
125/155
10
1310
1550
SC SFP
-10 to 85
-8 to -14
-30
Yes
SPB-3610AG
125/155
10
1310
1550
SC SFP
-40 to 85
-8 to -14
-30
Yes
SPB-3610LG
125/155
10
1310
1550
LC SFP
0 to 70
-8 to -14
-30
Yes
SPB-3610BLG
125/155
10
1310
1550
LC SFP
-10 to 85
-8 to -14
-30
Yes
SPB-3610ALG
125/155
10
1310
1550
LC SFP
-40 to 85
-8 to -14
-30
Yes


Similar Part No. - SPB-3610G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-3610G OPTOWAY-SPB-3610G Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
logo
Quanzhou Jinmei Electro...
SPB-3610G JMNIC-SPB-3610G Datasheet
177Kb / 6P
   125 Mbps Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3610G OPTOWAY-SPB-3610G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
SPB-3610G OPTOWAY-SPB-3610G_15 Datasheet
177Kb / 6P
   125 Mbps Single-Fiber SFP Transceiver
More results

Similar Description - SPB-3610G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-3610G OPTOWAY-SPB-3610G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
SPB-3710G OPTOWAY-SPB-3710G Datasheet
172Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
BTR-3721G OPTOWAY-BTR-3721G Datasheet
103Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
BTR-3621G OPTOWAY-BTR-3621G Datasheet
103Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
SPM-3602G OPTOWAY-SPM-3602G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPB-3710G OPTOWAY-SPB-3710G_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3710WG OPTOWAY-SPB-3710WG_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPM-3602G OPTOWAY-SPM-3602G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPB-3720G OPTOWAY-SPB-3720G Datasheet
172Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
SPB-3740G OPTOWAY-SPB-3740G Datasheet
171Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com