Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62300YZDT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62300YZDT
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62300YZDT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62300YZDT Datasheet HTML 4Page - Texas Instruments TPS62300YZDT Datasheet HTML 5Page - Texas Instruments TPS62300YZDT Datasheet HTML 6Page - Texas Instruments TPS62300YZDT Datasheet HTML 7Page - Texas Instruments TPS62300YZDT Datasheet HTML 8Page - Texas Instruments TPS62300YZDT Datasheet HTML 9Page - Texas Instruments TPS62300YZDT Datasheet HTML 10Page - Texas Instruments TPS62300YZDT Datasheet HTML 11Page - Texas Instruments TPS62300YZDT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
IO − Load Current − mA
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VI = 3.6 V,
VO = 1.8 V
PWM Operation
L = 2.2 mH
PFM/PWM Operation
L = 2.2 mH
PFM/PWM Operation
L = 0.9 mH
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO − Load Current − mA
PWM Operation
L = 0.9 mH
PFM/PWM Operation
L = 2.2 mH
VI = 3.6 V,
VO = 1.6 V
TPS62300, TPS62301, TPS62302
TPS62303, TPS62304, TPS62305,
TPS62311, TPS62313, TPS62315, TPS62320, TPS62321
SLVS528E – JULY 2004 – REVISED NOVEMBER 2007
FIGURE
vs Load current
3, 4, 5, 6
η
Efficiency
vs Input voltage
7
Line transient response
8
9, 10, 11, 12,
Load transient response
13, 14, 15, 16
VO
DC output voltage
vs Load current
17
VFB
Regulated feedback voltage
vs Temperature
18
IQ
No load quiescent current
vs Input voltage
19
fs
Switching frequency
vs Temperature
20
Duty cycle jitter
21
P-channel MOSFET rDS(on)
vs Input voltage
22
rDS(on)
N-channel MOSFET rDS(on)
vs Input voltage
23
PWM operation
24
Power-save mode operation
25
Dynamic voltage management
26, 27
Start-up
28, 29
Power down (TPS6232x)
30
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62300, TPS62301, TPS62302 TPS62303, TPS62304, TPS62305, TPS62311, TPS62313,
TPS62315, TPS62320, TPS62321


Similar Part No. - TPS62300YZDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300YZDT TI-TPS62300YZDT Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62300YZDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com