Electronic Components Datasheet Search |
|
SPB-3640LG Datasheet(PDF) 3 Page - Optoway Technology Inc |
|
SPB-3640LG Datasheet(HTML) 3 Page - Optoway Technology Inc |
3 / 5 page Optoway SPB-3640G ********************************************************************************************************************************************************************* ********************************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 3/1/2006 V3.0 3 Receiver Specifications (0 oC < Topr < 70oC, 3.1 V < Vcc < 3. 5V) Parameter Symbol Min Typ Max Units Notes Optical Sensitivity --- --- --- -33 dBm 5 Maximum Input Power Pin -8 --- --- dBm Signal Detect -- Asserted Pa --- --- -33 dBm Transition: low to high Signal Detect -- Deasserted Pd -43 --- --- dBm Transition: high to low Signal detect -- Hysteresis 1.0 --- dB Wavelength of Operation 1480 1580 nm 6 Optical Return Loss ORL 14 dB Electrical Differential Output Voltage VOH – VOL 0.6 2.0 V Output LOS Voltage -- Low VOL 0 0.5 V 7 Output LOS Voltage – High VOH 2.0 Vcc+0.3 V 7 Signal Detect Assert Time ASMAX 100 µs OFF to ON Signal Detect Deassert Time ANSMAX 300 µs ON to OFF Notes: 5. Minimum sensitivity and saturation levels at BER 1E-12 for a 2 7-1 PRBS. 6. At least 30 dB optical isolation for the wavelength 1260 to 1360 nm. 7. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). RECOMMENDED CIRCUIT SCHEMATIC 10nF 10 μF 10nF 10 μF VeeR POST Amp LD Driver Z=50 Ω Z=50 Ω Z=50 Ω Z=50 Ω VeeT 1 μH 1 μH TD - TD + VccT VccR RD - RD + 100 Ω SFP module SerDes 100 Ω LOS RD - RD + TD - TD + 10nF 10 μF Protocol EEPROM MODULE DETECT SCL SDA LOSS OF SINGAL Tx_DISABLE Tx_FAULT MOD_DEF(0) MOD_DEF(1) MOD_DEF(2) 4.7K to 10K Ω 4.7K to 10K Ω 4.7K to 10K Ω 4.7K to 10K Ω Tx_FAULT Tx_DISABLE (1,17,20) 3 2 18 19 16 15 12 13 8 (9,10,11,14) 6 5 4 4.7K to 10K Ω Vcc 3.3V Vcc 3.3V IC IC depending on SERDES |
Similar Part No. - SPB-3640LG |
|
Similar Description - SPB-3640LG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |