Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEN4BHRHQ25 Datasheet(PDF) 3 Page - TEMEX

Part # QEN4BHRHQ25
Description  DIL 8 Pin Half Size XO - Communications Equipment Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEN4BHRHQ25 Datasheet(HTML) 3 Page - TEMEX

  QEN4BHRHQ25 Datasheet HTML 1Page - TEMEX QEN4BHRHQ25 Datasheet HTML 2Page - TEMEX QEN4BHRHQ25 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QEN4
DIL 8 Pin Half Size XO – Communications Equipment Application
Specification (rev-B)
January 05
th, 2006
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Mechanical Characteristics
Ordering Information
Pin connections
#1
N.C. or Tri state
#2
Ground
#3
Output
#4
+Vcc
Marking
Line 1
Temex part number
Line 2
Frequency in MHz (6 digits)
Line 3
Date code (YYWW) – Manufacturing code
Example for QEN4H DT50 / 49.152MHz
Line 1 : QEN4H DT50
Line 2 : 49.152MHz
Line 3 : 0547-I
Packaging : Antistatic Tube (40pcs/tube)
BOTTOM VIEW
Part numbering system
QEN4
H
J
LQ
25
10.000MHZ
Package type
Supply
Voltage
Option
Operating
temperature range
Frequency
stability
Nominal
Frequency
(MHz)
DIL Package
QEN4 : 8 Pin Half
Size
H :
+ 5.0V
BH : +3.3V
J : Tri-state output
R : Duty cycle 45/55%
LQ :
0 to +70°C
JQ : -10 to +70°C
HQ : -20 to +70°C
DT : -40 to +85°C
15 :
±15ppm
25 :
±25ppm
50 :
±50ppm
100 : ±100ppm
Please enter
the nominal
frequency
Tri state function
Pin #1
Output (Pin #3)
Open
Active
“1”
Active
“0”
High Z
Hmax = 5.6 mm


Similar Part No. - QEN4BHRHQ25

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEN49 TEMEX-QEN49 Datasheet
303Kb / 2P
   Defense ground - Crystal oscillator - XO
More results

Similar Description - QEN4BHRHQ25

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEV4 TEMEX-QEV4 Datasheet
393Kb / 3P
   DIL 8 Pin Half Size VCXO - Communications Equipment Application
QEN14 TEMEX-QEN14 Datasheet
416Kb / 3P
   DIL 14 Pin Full Size XO
QEN62 TEMEX-QEN62 Datasheet
460Kb / 5P
   Plastic J LEAD SMD XO - Communications Equipment Application
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
   5V VCXO in half size 8 pin DIL package
logo
Oscilent Corporation
350-6.144M-5DN-TNC OSCILENT-350-6.144M-5DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Programmable XO
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
   SMD 7x5 VCXO - Communications Equipment Application
logo
EUROQUARTZ limited
GDF8 EUROQUARTZ-GDF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPA8 EUROQUARTZ-GPA8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPF8 EUROQUARTZ-GPF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
logo
HALO Electronics, Inc.
TD11-6006FLF HALO-TD11-6006FLF Datasheet
426Kb / 2P
   8 Pin DIL Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com