Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEN05CNBR Datasheet(PDF) 5 Page - TEMEX

Part # QEN05CNBR
Description  SMD 5x3.2 XO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEN05CNBR Datasheet(HTML) 5 Page - TEMEX

  QEN05CNBR Datasheet HTML 1Page - TEMEX QEN05CNBR Datasheet HTML 2Page - TEMEX QEN05CNBR Datasheet HTML 3Page - TEMEX QEN05CNBR Datasheet HTML 4Page - TEMEX QEN05CNBR Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QEN05
SMD 5x3.2 XO – Communications Equipment Application
Specification (rev-C)
December 15
th, 2005
4
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Tape Drawing
Item
Code
Dimension
Tolerance
Pitch of components
P
8.0
± 0.1
Pitch of sprocket hole
Po
4.0
± 0.1
Length from hole center to component center
P1
2.0
± 0.1
Width of carrier tape
W
12.0
± 0.3
Width of adhesive tape
W0
5.5
± 0.1
Height of component hole
A
5.7
± 0.1
Diameter of sprocket hole
Do
∅ 1.5
± 0.1
Total of tape thickness
K
1.5
± 0.1
Reel Drawing
Multiple : 1Kpcs per Reel
Unit : mm


Similar Part No. - QEN05CNBR

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101AAA RAKON-QEN101AAA Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101AAB RAKON-QEN101AAB Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101ADA RAKON-QEN101ADA Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101ADB RAKON-QEN101ADB Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
More results

Similar Description - QEN05CNBR

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0196A TAI-SAW-TX0196A Datasheet
219Kb / 6P
   SMD 5x3.2 20.000MHz TCXO
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
   SMD 5x3.2 16.367667MHz TCXO
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
   SMD 5x3.2 13MHz VCTCXO
TX0173A TAI-SAW-TX0173A Datasheet
230Kb / 5P
   SMD 5x3.2 12MHz TCXO
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
   SMD 5x3.2 18.414MHz TCXO
logo
MMD Components
MUL MMD-MUL_12 Datasheet
154Kb / 2P
   MUL Series 5X3.2 Ceramic SMD Oscillator
MUV MMD-MUV_12 Datasheet
153Kb / 2P
   MUV Series 5X3.2 Ceramic SMD Oscillator
logo
Fox Electronics
FTP301AH FOX-FTP301AH Datasheet
502Kb / 2P
   OVEN-CONTROLLED, HCMOS, SMD, XO
FTP300H FOX-FTP300H Datasheet
493Kb / 2P
   OVEN-CONTROLLED, HCMOS, SMD, XO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com