Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMXW361 Datasheet(PDF) 3 Page - TEMEX

Part # TMXW361
Description  SAW Bandpass Filter - PCS1900 Rx -RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW361 Datasheet(HTML) 3 Page - TEMEX

  TMXW361 Datasheet HTML 1Page - TEMEX TMXW361 Datasheet HTML 2Page - TEMEX TMXW361 Datasheet HTML 3Page - TEMEX TMXW361 Datasheet HTML 4Page - TEMEX TMXW361 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX W361
SAW Bandpass Filter – PCS1900 Rx – RF
Specification (Rev 1)
0ctober 25
th, 2005
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single ended)
-
50
(2)
-
Load Impedance (single ended)
-
50
(2)
-
Center Frequency fo
MHz
-
1960
-
Bandwidth at –3 dB
MHz
60
-
-
Absolute attenuation
DC to 1850 MHz
dB
17
25
-
1850 MHz to 1910 MHz
dB
6
13
-
2010 MHz to 2070 MHz
dB
4.5
8
-
2070 MHz to 2500 MHz
dB
20
29
-
2500 MHz to 4000 MHz
dB
23
30
-
Insertion Loss within 1930 MHz ~ 1990 MHz
dB
-
2.7
3.3
Input VSWR within 1930 MHz ~ 1990 MHz
-
1.7
2.5
Ripple within 1930 MHz ~ 1990 MHz
dB
-
1.2
2.0
Notes :
(1)
Typical values are nominal performances at room temperature.
(2)
No external matching network is required.
Matching Network


Similar Part No. - TMXW361

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW360 TEMEX-TMXW360 Datasheet
305Kb / 5P
   SAW Bandpass Filter - DCS1800 Rx - RF
TMXW365 TEMEX-TMXW365 Datasheet
433Kb / 5P
   SAW Bandpass Filter - WCDMA Rx - RF
TMXW369 TEMEX-TMXW369 Datasheet
361Kb / 5P
   SAW Bandpass Filter - Home & Building - RF
More results

Similar Description - TMXW361

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW311 TEMEX-TMXW311 Datasheet
304Kb / 5P
   SAW Bandpass Filter - PCS1900 Rx - RF
TMXW329 TEMEX-TMXW329 Datasheet
319Kb / 3P
   SAW Bandpass Filter - GSM Rx - RF
TMXW328 TEMEX-TMXW328 Datasheet
309Kb / 3P
   SAW Bandpass Filter - GSM Rx - RF
TMXW354 TEMEX-TMXW354 Datasheet
414Kb / 5P
   SAW Bandpass Filter - CDMA Rx - RF
TMXW355 TEMEX-TMXW355 Datasheet
283Kb / 5P
   SAW Bandpass Filter - PCN Rx - RF
TMXW365 TEMEX-TMXW365 Datasheet
433Kb / 5P
   SAW Bandpass Filter - WCDMA Rx - RF
TMXW316 TEMEX-TMXW316 Datasheet
415Kb / 5P
   SAW Bandpass Filter - eGSM Rx - RF
TMXW315 TEMEX-TMXW315 Datasheet
302Kb / 5P
   SAW Bandpass Filter - DCS1800 Rx - RF
TMXW313 TEMEX-TMXW313 Datasheet
278Kb / 5P
   SAW Bandpass Filter - DCS1800 Rx - RF
TMXW320 TEMEX-TMXW320 Datasheet
318Kb / 5P
   SAW Bandpass Filter - CDMA Rx - RF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com