Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVR1J221MRD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UVR1J221MRD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVR1J221MRD Datasheet(HTML) 1 Page - Nichicon corporation

  UVR1J221MRD Datasheet HTML 1Page - Nichicon corporation UVR1J221MRD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
VR
series
Miniature Sized
One rank smaller case sizes than VX series.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Specifications
Type numbering system (Example : 10V 330
µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85˚C(6.3V ~ 400V), – 25 ~ +85˚C(450V)
6.3 ~ 450V
0.1 ~ 33000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on black sleeve.
After storing the capacitors under no load at 85˚C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
VR
Rated voltage
(V)
tan
δ (MAX.)
6.3
0.28
10
0.24
16
0.20
25
0.16
35
0.14
50
0.12
63
0.10
100
0.08
160 ~ 315
0.20
350 ~ 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz, Temperature : 20˚C
Measurement frequency : 120Hz
Z– 25˚C / Z
+20˚C
Z– 40˚C / Z
+20˚C
Rated voltage
(V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
5
12
10
4
10
16
3
8
25
2
5
35
2
4
50
2
3
63
2
3
100
2
3
160 ~ 200
3
4
250 ~ 350
4
8
400
6
10
450
15
After 2000 hours' application of rated voltage
at 85˚C,capacitors meet the characteristic
requirements listed at right.
U
1
V
2
R
3
1
4
A
5
3
6
3
7
1
8
M
9
E
10
D
11 12
Configuration
Capacitance tolerance (
±20%)
Rated Capacitance (330
µF)
Rated voltage (10V)
Series name
Type
φ D
4
Pb-free leadwire
Pb-free PET sleeve
DD6
5
DD
6.3
ED
8 · 10
PD
12.5 ~ 18
HD
20 ~ 25
RD
Configuration
Pressure
relief vent
15MIN
4MIN
φd
(
φ6.3up)
L+ MAX
Sleeve (P.E.T.)
VZ
VK
φD
P
φd
4
1.5
0.45
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
20
22
10.0
10.0
1.0
1.0
25
12.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
(L 20) 1.5
(L 20) 2.0
(mm)
Rated voltage
(V)
6.3 ~ 100V
160 ~ 450V
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA), whichever is greater.
After 2 minutes' application of rated voltage, leakage current
is not more than 0.01CV or 3 (µA), whichever is greater.
After 1 minute's application of rated voltage,
CV <
= 1000 :
1= 0.1CV+40µA or less
After 1 minute's application of rated voltage,
CV > 1000 :1= 0.04CV+100 (µA) or less
Leakage current
tan
δ
Capacitance change
Initial specified value or less
200% or less of initial specified value
Within ±20% of initial value
High
Te mperature
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
• Please refer to page 21 about the end seal configulation.
Smaller
Dimension table in next page.
CAT.8100V


Similar Part No. - UVR1J221MRD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UVR1J471MHD1TD NICHICON-UVR1J471MHD1TD Datasheet
54Kb / 2P
   Miniature Sized
UVR1J472MRD6 NICHICON-UVR1J472MRD6 Datasheet
328Kb / 7P
   Miniature Sized
More results

Similar Description - UVR1J221MRD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com